Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 119Page - Renesas Technology Corp DA16200 Datasheet HTML 120Page - Renesas Technology Corp DA16200 Datasheet HTML 121Page - Renesas Technology Corp DA16200 Datasheet HTML 122Page - Renesas Technology Corp DA16200 Datasheet HTML 123Page - Renesas Technology Corp DA16200 Datasheet HTML 124Page - Renesas Technology Corp DA16200 Datasheet HTML 125Page - Renesas Technology Corp DA16200 Datasheet HTML 126Page - Renesas Technology Corp DA16200 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
123 of 153
© 2023 Renesas Electronics
10.6 RTC Register
DA16200 provides RTC functions. Clock source for RTC can be selected with a register between
32 KHz OSC and 32 KHz XTAL. There is a 36-bits free-running counter in the RTC block making it a
reference time. RTC block controls sleep and wake up operation of DA16200. And it also controls
internal power on/off for each HW blocks.
Table 193: RTC Register Overview
Address
Registers
Description
0x50091000
wakeup_counter0
Wakeup counter [31:0]
0x50091004
wakeup_counter1
Wakeup counter [35:32]
0x50091008
gpio_wakeup_config
Wakeup by GPIO config register
0x5009100C
gpio_wakeup_control
Wakeup by GPIO control register
0x50091010
rtc_control
RTC control register
0x50091014
xtal_control
32 kHz XTAL control register
0x50091018
retention_control
Retention memory power control register
0x5009101C
dc_power_control
DCDC control register
0x50091020
ldo_control
Control LDOs
0x50091024
reserved
Reserved
0x50091028
wakeup_source
Wake up source
0x5009102C
reserved
Reserved
0x50091030
AO indicator
Indicate retention memory contents
0x50091034
reserved
Reserved
0x50091038
counter0
Real time counter [31:0]
0x5009103C
counter1
Real time counter [35:32]
0x50091040
ldo_status
LDO status register
0x50091044
ldo_pwr_control
uLDO control register
0x50091048
reserved
Reserved
0x5009104C
bor_circuit
Brown and Black out control register
0x50091050
reserved
Reserved
0x50091054
reserved
Reserved
0x50091058
reserved
Reserved
0x5009105C
watchdog_cnt
RTC watch dog counter
Table 194: wakeup_counter0 (0x50091000)
Bit
Mode
Symbol
Description
Reset
31:0
R/W
Set to RTC timer value which is expected to
wakeup
0x00000000
Table 195: wakeup_counter1 (0x50091004)
Bit
Mode
Symbol
Description
Reset
3:0
R/W
Set to RTC timer value which is expected to
wakeup
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com