Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 120Page - Renesas Technology Corp DA16200 Datasheet HTML 121Page - Renesas Technology Corp DA16200 Datasheet HTML 122Page - Renesas Technology Corp DA16200 Datasheet HTML 123Page - Renesas Technology Corp DA16200 Datasheet HTML 124Page - Renesas Technology Corp DA16200 Datasheet HTML 125Page - Renesas Technology Corp DA16200 Datasheet HTML 126Page - Renesas Technology Corp DA16200 Datasheet HTML 127Page - Renesas Technology Corp DA16200 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
124 of 153
© 2023 Renesas Electronics
Table 196: gpio_wakeup_config (0x50091008)
Bit
Mode
Symbol
Description
Reset
25:16
R/W
Wake-up source selection. (Note 1)
[16] 0: GPIOA4
1: GPIOC0
[17] 0: GPIOA5
1: GPIOC1
[18] 0: GPIOA6
1: GPIOC2
[19] 0: GPIOA7
1: GPIOC3
[20] 0: GPIOA8
1: GPIOC4
[21] 0: GPIOA9
1: GPIOC6
[22] 0: GPIOA10
1: GPIOC7
[23] 0: GPIOA11
1: GPIOC8
[24] 0: GPIOC5
1: GPIOA12
[25] 0: GPIOA13
1: GPIOA14
0x000
12:10
R/W
-
Edge selection of RTC_WAKEUP2/3/4 (Note 2).
[12] RTC_WKAEUP4
[11] RTC_WAKEUP3
[10] RTC_WAKEUP2
0: rising edge
1: falling edge
0x0
9:0
R/W
-
edge sel: selected signal by [25:16]
0: rising edge
1: falling edge
0x000
Note 1
GPIOA[11:0] and GPIOC[8:6] can be used in 6x6.
Note 2
RTC_WAKEUP and RTC_WAKEUP2 can be used in 6x6.
Table 197: gpio_wakeup_control (0x5009100C)
Bit
Mode
Symbol
Description
Reset
28:26
R/W
-
Wakeup enable (Note 1).
[28] RTC_WAKEUP4
[27] RTC_WAKEUP3
[26] RTC_WAKEUP2
0: wakeup disable
1: wakeup enable
0x0
25:16
R/W
-
Wakeup enable of selected signal by
gpio_wakeup_config[25:16]
0: wakeup disable
1: wakeup enable
0x000
13:10
R
-
Indicate wake up source
[13] RTC_WAKEUP4
[12] RTC_WAKEUP3
[11] RTC_WAKEUP2
[10] RTC_WAKE_UP
1: indicates wake up from that port
0x0
9:0
R
-
Indicate GPIO wakeup source 9:0
1: indicates wakeup from that port
0x000
Note 1
RTC_WAKEUP and RTC_WAKEUP2 can be used in 6x6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com