Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 122Page - Renesas Technology Corp DA16200 Datasheet HTML 123Page - Renesas Technology Corp DA16200 Datasheet HTML 124Page - Renesas Technology Corp DA16200 Datasheet HTML 125Page - Renesas Technology Corp DA16200 Datasheet HTML 126Page - Renesas Technology Corp DA16200 Datasheet HTML 127Page - Renesas Technology Corp DA16200 Datasheet HTML 128Page - Renesas Technology Corp DA16200 Datasheet HTML 129Page - Renesas Technology Corp DA16200 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
126 of 153
© 2023 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
32 kHz Oscillator Power on/off (default:1)
(0: off, 1: on)
Table 200: retention_control (0x50091018)
Bit
Mode
Symbol
Description
Reset
27:24
R/W
-
GPIO retention control bit
[27] FDIO region
[26] GPIOC
[25] GPIOA
[24] reserved
0: disable
1: enable
4'b0000
22:16
R/W
-
RET_RET[6:0]
Retention memory Retention mode enable
0: disable
1: enable
7'b0000000
14:8
R/W
-
RET_SLR[6:0]
Retention memory Sleep mode enable
(when memory sleep, Memory's content will be
lost)
0: disable
1: enable
7'b0000000
7:4
R/W
-
Power down information
4'b0000
2
R/W
-
PDB_ISO_shared_io (GPIOA0~3)
0: isolation enable, cannot access to GPIOA0~3
1: isolation disable, access to GPIOA0~3
1'b1
1
R/W
-
RTM_INFORM
1'b0
0
R/W
-
PDB_ISO default 0
1: Isolation disable, access to Retention Memory
0: Isolation enable, cannot access to Retention
Memory
1'b0
Table 201: dc_power_control (0x5009101C)
Bit
Mode
Symbol
Description
Reset
1
R/W
-
Auto Power On Enable
0: no effect
1: when set to “1”, go to sleep and wake up
automatically, all register values will be reset
value.
1'b0
0
R/W
-
DCDC1.2 power off
0: no effect
1: when set “1”, DCDC1.2 Off
1'b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com