Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 116Page - Renesas Technology Corp DA16200 Datasheet HTML 117Page - Renesas Technology Corp DA16200 Datasheet HTML 118Page - Renesas Technology Corp DA16200 Datasheet HTML 119Page - Renesas Technology Corp DA16200 Datasheet HTML 120Page - Renesas Technology Corp DA16200 Datasheet HTML 121Page - Renesas Technology Corp DA16200 Datasheet HTML 122Page - Renesas Technology Corp DA16200 Datasheet HTML 123Page - Renesas Technology Corp DA16200 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
120 of 153
© 2023 Renesas Electronics
Table 182: SPI_CTRL_REG (0x5008_0240)
Bit
Mode
Symbol
Description
Reset
15
R/W
CmdIntr
Command interrupt enable
1: Enable
0: Disable
1'b0
14
R/W
ATIntr
AT Command interrupt enable
1: Enable
0: Disable
1'b0
13
R/W
PEIntr
Processing end interrupt enable
1: Enable
0: Disable
1'b0
12
R/W
Prot
Protocol mode
1: 8-byte
0: 4-byte (default)
1'b0
11
R/W
SW_Rst
SPI block software reset
1: Normal
0: Reset state
1'b1
10
R/W
MISO Output mode selection
1: Normal
0: Half Pre output
1'b1
9
R/W
-
Reserved
1'b0
8
R/W
Endian
Endian mode for Data
1'b1
7:6
R/W
MODE
Define the SPI mode (CPOL, CPHA)
0: new data on falling, capture on rising, Clk low in idle state
1: new data on rising, capture on falling, Clk low in idle state
2: new data on rising, capture on falling, Clk high in idle state
3: new data on falling, capture on rising, Clk high in idle state
2'b00
5:4
R/W
ChipID
2'b00
3:2
R/W
DBusW
Data bus width
00 = 8-bit
01 = 16-bit
10 = 32-bit (default)
11 = not used
2'b10
1:0
R/W
ABusW
Address bus width
00 = 8-bit
01 = 16-bit
10 = 24-bit
11 = 32-bit (default)
2'b11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com