Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 115Page - Renesas Technology Corp DA16200 Datasheet HTML 116Page - Renesas Technology Corp DA16200 Datasheet HTML 117Page - Renesas Technology Corp DA16200 Datasheet HTML 118Page - Renesas Technology Corp DA16200 Datasheet HTML 119Page - Renesas Technology Corp DA16200 Datasheet HTML 120Page - Renesas Technology Corp DA16200 Datasheet HTML 121Page - Renesas Technology Corp DA16200 Datasheet HTML 122Page - Renesas Technology Corp DA16200 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
119 of 153
© 2023 Renesas Electronics
10.5 SPI and I2C Register
DA16200 includes I2C master and slave functions. Four ranges of clock speed are supported:
standard (100 kHz), fast (400 kHz), fast plus (1.0 MHz) and High Speed (3.4 MHz) mode for both
Master and Slave mode.
DA16200 also supports SPI master and Slave functions. To use DA16200 as an SPI master, the
CSB signal can be used with any of the GPIO pins. CSB [3:1] can be selected from the GPIO special
function by setting the registers in the GPIO.
The SPI slave interface is a half-duplexd connection for an external host to control the DA16200. The
range of the SPI clock speed is based on the internal bus clock speed and can be calculated using:
spi clock = system clock/N
where N is an integer divider such as 1,2,3,4,5,6,...
There is a separate communication protocol for SPI slave. See section 9.3 SPI slave for more
detailed information.
Table 180: SPI and I2C Registers Overview
Address
Register
Description
Common control for SPI and I2C Pin Status
0x5008_023C
SPI_INTR_STATUS_REG
SPI Interrupt Status Register
0x5008_0240
SPI_CTRL_REG
SPI Control Register
0x5008_0244
I2C_CTRL_REG
I2C Control Register
0x5008_0248
SPI_LENGTH_REG
SPI Length Register
0x5008_024C
I2C_BUFFER_ADDR_REG
I2C Buffer Address Register
0x5008_0250
SPI_BASE_ADDR_REG
SPI Base Address Register
0x5008_0254
CMD_ADDR_REG
Command Address Register
0x5008_0258
RESP_ADDR1_REG
Response Address1 Register
0x5008_025C
RESP_ADDR2_REG
Response Address2 Register
0x5008_0260
AT_CMD_BASE_REG
AT Command Base Address Register
0x5008_0264
AT_CMD_REF_REG
AT Command Base Address Register
0x5008_0264
SPI_TIMER_REG
SPI Timer Register
Table 181: SPI_INTR_STATUS_REG (0x5008_023C)
Bit
Mode
Symbol
Description
Reset
15:13
R/W
INTR
SPI slave interrupt status register
bit[15]: Command interrupt status/clear
bit[14]: AT Command interrupt status/clear
bit[13]: Processing end interrupt status/clear
0x0
12:0
R/W
-
Reserved
0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com