Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 111Page - Renesas Technology Corp DA16200 Datasheet HTML 112Page - Renesas Technology Corp DA16200 Datasheet HTML 113Page - Renesas Technology Corp DA16200 Datasheet HTML 114Page - Renesas Technology Corp DA16200 Datasheet HTML 115Page - Renesas Technology Corp DA16200 Datasheet HTML 116Page - Renesas Technology Corp DA16200 Datasheet HTML 117Page - Renesas Technology Corp DA16200 Datasheet HTML 118Page - Renesas Technology Corp DA16200 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
115 of 153
© 2023 Renesas Electronics
Table 164: HIF_BLK_LG (0x5003_0024)
Bit
Mode
Symbol
Description
Reset
31:28
-
-
Reserved
27:16
R/W
HIF_BLK_LG
Block Length Register
This register specifies the length (unit: byte) of each block for
read/write data transfer
8'h0
15:6
-
-
Reserved
5:4
R/W
HDOE_DLY
Output Enable Delay Control for Host Data signals
00: No delay
01: 1-unit delay
10: 2-unit delay
11: 3-unit delay
2'b00
3:2
R/W
HDO_DLY
Output Delay Control for Host Data signals
00: No delay
01: 1-unit delay
10: 2-unit delay
11: 3-unit delay
2'b00
1:0
R/W
HDI_DLY
Input Delay Control for Host Data signals
00: No delay
01: 1-unit delay
10: 2-unit delay
11: 3-unit delay
2'b00
Table 165: HIF_BLK_CNT (0x5003_0028)
Bit
Mode
Symbol
Description
Reset
31:24
-
-
Reserved
23:0
R/W
HIF_BLK_CNT
Block Count Register
24'h0
Table 166: HIF_RSP_TMO_CNT (0x5003_0030)
Bit
Mode
Symbol
Description
Reset
31:8
-
-
Reserved
7:0
R/W
RSP_TMO_CNT
This register specifies the number of host clock cycles for the
response time-out interrupt. If the host cannot receive the
response, it does not return to the host before the specified
clock cycles
8'h40
Table 167: HIF_RD_TMO_CNT (0x5003_0034)
Bit
Mode
Symbol
Description
Reset
31:0
R/W
RD_TMO_CNT
Read Data Time-Out Count Register
This register specifies the number of host clock
cycles for the read data time-out interrupt if the read
data does not return to the host before the specified
clock cycles
8'h0040_0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com