Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 109Page - Renesas Technology Corp DA16200 Datasheet HTML 110Page - Renesas Technology Corp DA16200 Datasheet HTML 111Page - Renesas Technology Corp DA16200 Datasheet HTML 112Page - Renesas Technology Corp DA16200 Datasheet HTML 113Page - Renesas Technology Corp DA16200 Datasheet HTML 114Page - Renesas Technology Corp DA16200 Datasheet HTML 115Page - Renesas Technology Corp DA16200 Datasheet HTML 116Page - Renesas Technology Corp DA16200 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
113 of 153
© 2023 Renesas Electronics
Table 162: HIF_CMD_IDXQ (0x5003_001C)
Bit
Mode
Symbol
Description
Reset
31:16
-
-
Reserved
15
R
QBUSY_ST
Busy status of the current command queue
0: completed
1: ongoing
1'b0
14
R
CMD_TCTLQ
Command Trigger Control Queue
0: Start a new command immediately when the command
trigger (CMDQ_TRIG) bit was set
1: Only start a new command when the command trigger
(CMDQ_TRIG) bit was set and the previous response result
has been read
1'b0
13:12
R
RSP_TYPEQ
Response Type Control Queue
0x: No Response
10: Short Response (Total: 48 bits)
11: Long Response (Total: 136 bits)
2'b00
11
R
STB_CTL
Command Start Bit and Transmission Bit Control Queue
0: The start bit and transmission bit of the SD/eMMC
command is automatically generated by H/W circuit
1: The start bit and transmission bit of the SD/eMMC
command refers to the STR_BIT and TRM_BIT of this
control register
1'b0
10:8
R
DATA_TYPEQ
Data Type Control Queue
0xx: Command only (without data transfer)
100: Command with single read data
101: Command with multiple read data
110: Command with single write data
111: Command with multiple write data
3'b000
7
R
STR_NITQ
This register specifies the value of the start bit of SD/eMMC
command if STB_CTL bit is set to high. Otherwise, it is not
used
1'b0
6
R
TRM_BITQ
This register specifies the value of the transmission bit of
SD/eMMC command if STB_CTL bit is set to high.
Otherwise, it is not used
1'b1
5:0
R
HIF_CMD_IDXQ
This register specifies the value of the SD/eMMC command
index
6'h0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com