Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 107Page - Renesas Technology Corp DA16200 Datasheet HTML 108Page - Renesas Technology Corp DA16200 Datasheet HTML 109Page - Renesas Technology Corp DA16200 Datasheet HTML 110Page - Renesas Technology Corp DA16200 Datasheet HTML 111Page - Renesas Technology Corp DA16200 Datasheet HTML 112Page - Renesas Technology Corp DA16200 Datasheet HTML 113Page - Renesas Technology Corp DA16200 Datasheet HTML 114Page - Renesas Technology Corp DA16200 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
111 of 153
© 2023 Renesas Electronics
Table 158: HIF_CLK_CNT_CTRL (0x5003_000C)
Bit
Mode
Symbol
Description
Reset
31:23
-
-
Reserved
22
R/W
STOP_HCLK
Enable to Stop SD/eMMC Interface Clock
0: Disable
1: Enable
1'b0
21
R/W
SYNC_STCTL
Synchronous Circuit Stage Control
0: 3-Stage Synchronizer (Low clock ratio)
1: 2-Stage Synchronizer (High clock ratio)
1'b0
20
R/W
HCLK_OE
HCLK Output Enable Control
0: Disable
1: Enable (Normal Operation)
1'b1
19
-
-
Reserved
18:17
R/W
HCLK_CTL
Internal Host Clock Control
00: Turn off the internal host clock
01: Turn off the internal host clock immediately
10: Turn on the internal host clock immediately
11: Always turn on internal host clock
2'b11
16
R
HCLK_SW
SW Host Clock Control
Note: S/W can program this bit to high/low, to toggle the internal
host clock when HCLK_CTL[1:0] = 2'b00
1'b0
15:0
R/W
HCLK_CT_CNT
Host Clock Control Count Register
This control register specifies the number of host clock to enable
or stop the host clock signal
16'h0
Table 159: HIF_CMD_ARG (0x5003_0010)
Bit
Mode
Symbol
Description
Reset
31:0
R/W
HCLK_CMD_ARG
This register specifies the value of SD/eMMC command
argument
32'h0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com