Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 110Page - Renesas Technology Corp DA16200 Datasheet HTML 111Page - Renesas Technology Corp DA16200 Datasheet HTML 112Page - Renesas Technology Corp DA16200 Datasheet HTML 113Page - Renesas Technology Corp DA16200 Datasheet HTML 114Page - Renesas Technology Corp DA16200 Datasheet HTML 115Page - Renesas Technology Corp DA16200 Datasheet HTML 116Page - Renesas Technology Corp DA16200 Datasheet HTML 117Page - Renesas Technology Corp DA16200 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
114 of 153
© 2023 Renesas Electronics
Table 163: HIF_PAD_CTRL (0x5003_0020)
Bit
Mode
Symbol
Description
Reset
31:30
-
-
Reserved
29:28
R/W
HCOE_DLY
Output Enable Delay Control for Host Command signal
00: No delay
01: 1-unit delay
10: 2-unit delay
11: 3-unit delay
2'b00
27:26
R/W
HCO_DLY
Output Delay Control for Host Command signal
00: No delay
01: 1-unit delay
10: 2-unit delay
11: 3-unit delay
2'b00
25:24
R/W
HCI_DLY
Input Delay Control for Host Command signal
00: No delay
01: 1-unit delay
10: 2-unit delay
11: 3-unit delay
2'b00
23:22
R/W
HDATI_ST
Input Schmitt Trigger Level Control for Host Data signals
2'b00
21:20
R/W
HDAT_PUD
Host Data signals Pull-Up/Down Control
00: No Pull-Up/Down
01: Pull-Down
10: Pull-Up
11: Keeper
2'b00
19:16
R/W
HDATO_DS
Output Drive Strength Control for Host Data Signals
2'b00
15:14
R/W
HCMDI_ST
Input Schmitt Trigger Level Control for Host Data signals
2'b00
13:12
R/W
HDAT_PUD
Host Command signals Pull-Up/Down Control
00: No Pull-Up/Down
01: Pull-Down
10: Pull-Up
11: Keeper
2'b00
11:8
R/W
HCMDO_DS
Output Drive Strength Control for Host Command Signals
4'h0
7:6
-
-
Reserved
5:4
R/W
HCLK_PUDC
Host Clock signals Pull-Up/Down Control
00: No Pull-Up/Down
01: Pull-Down
10: Pull-Up
11: Keeper
2'b00
3:0
R/W
HCLK_DS
Host Clock Control Count Register
Output Drive Strength Control for Host Clock Signals
4'h0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com