Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 112Page - Renesas Technology Corp DA16200 Datasheet HTML 113Page - Renesas Technology Corp DA16200 Datasheet HTML 114Page - Renesas Technology Corp DA16200 Datasheet HTML 115Page - Renesas Technology Corp DA16200 Datasheet HTML 116Page - Renesas Technology Corp DA16200 Datasheet HTML 117Page - Renesas Technology Corp DA16200 Datasheet HTML 118Page - Renesas Technology Corp DA16200 Datasheet HTML 119Page - Renesas Technology Corp DA16200 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
116 of 153
© 2023 Renesas Electronics
Table 168: HIF_WB_TMO_CNT (0x5003_0038)
Bit
Mode
Symbol
Description
Reset
31:0
R/W
WB_TMO_CNT
Read Data Time-Out Count Register
This register specifies the number of host clock
cycles for the read data time-out interrupt if the read
data does not return to the host before the specified
clock cycles
32'h0A00_0000
Table 169: HIF_RSP_CIX_ST (0x5003_003C)
Bit
Mode
Symbol
Description
Reset
31:8
-
-
Reserved
7
R
RSP_STR_B
Status of the Start bit of the received response
R2 Response: RSP[135]
Other Responses: RSP[47]
1'b0
6
R
RSP_DIR_B
Status of the Direction (Transmission) bit of the received
response
R2 Response: RSP[134]
Other Responses: RSP[46]
1'b0
5:0
R
RSP_CMD_IDX
Status of the Command Index of the received response
R2 Response: RSP[133:128]
Other Responses: RSP[45:40]
6'h0
Table 170: HIF_RSP_ARG_0 (0x5003_0040)
Bit
Mode
Symbol
Description
Reset
31:0
R
RSP_ARG_0
Status of the received response argument-0
R2 Response: RSP[127:96]
Other Responses: RSP[39:8]
32'h00
Table 171: HIF_RSP_ARG_1 (0x5003_0044)
Bit
Mode
Symbol
Description
Reset
31:0
R
RSP_ARG_1
Status of the received response argument-1
R2 Response: RSP[95:64]
Other Responses: Reserved
32'h00
Table 172: HIF_RSP_ARG_2 (0x5003_0048)
Bit
Mode
Symbol
Description
Reset
31:0
R
RSP_ARG_2
Status of the received response argument-2
R2 Response: RSP[63:32]
Other Responses: Reserved
32'h00
Table 173: HIF_RSP_ARG_3 (0x5003_004C)
Bit
Mode
Symbol
Description
Reset
31:0
R
RSP_ARG_3
Status of the received response argument-3
R2 Response: RSP[31:0]
Other Responses: Reserved
32'h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com