Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 108Page - Renesas Technology Corp DA16200 Datasheet HTML 109Page - Renesas Technology Corp DA16200 Datasheet HTML 110Page - Renesas Technology Corp DA16200 Datasheet HTML 111Page - Renesas Technology Corp DA16200 Datasheet HTML 112Page - Renesas Technology Corp DA16200 Datasheet HTML 113Page - Renesas Technology Corp DA16200 Datasheet HTML 114Page - Renesas Technology Corp DA16200 Datasheet HTML 115Page - Renesas Technology Corp DA16200 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
112 of 153
© 2023 Renesas Electronics
Table 160: HIF_CMD_IDX (0x5003_0014)
Bit
Mode
Symbol
Description
Reset
31:16
-
-
Reserved
15
R/W
CMDQ_TRIG
Trigger to transfer the value of Command Index and
Argument registers into Command Index Queue and
Command Argument Queue registers. The trigger (transfer)
operation is only active when the value of this bit is high, and
the status of command queue is not busy (QBUSY_ST)
1'b0
14
R/W
CMD_TCTL
Command Trigger Control
0: Start a new command immediately when the command
trigger (CMDQ_TRIG) bit was set
1: Only start a new command when the command trigger
(CMDQ_TRIG) bit was set and the previous response result
has been read
1'b0
13
R/W
STB_CTL
Command Start Bit and Transmission Bit Control
0: The start bit and transmission bit of the SD/eMMC
command is automatically generated by H/W circuit
1: The start bit and transmission bit of the SD/eMMC
command refers to the STR_BIT and TRM_BIT of this control
register
1'b0
12:11
R/W
RSP_TYPE
Response Type Control
00: No Response
01: R3 Response
10: Short Response (Total: 48 bits)
11: Long Response (Total: 136 bits)
2'b00
10:9
R/W
DATA_TYPE
Data Type Control
0x: Command only (without data transfer)
10: Command with single/multiple read data
11: Command with single/multiple write data
2'b00
8
-
-
Reserved
7
R/W
STR_NIT
This register specifies the value of the start bit of SD/eMMC
command if STB_CTL bit is set to high. Otherwise, it is not
used
1'b0
6
R/W
TRM_BIT
This register specifies the value of the transmission bit of
SD/eMMC command if STB_CTL bit is set to high.
Otherwise, it is not used
1'b1
5:0
R/W
HIF_CMD_IDX
This register specifies the value of the SD/eMMC command
index
6'h0
Table 161: HIF_CMD_ARGQ (0x5003_0018)
Bit
Mode
Symbol
Description
Reset
31:0
R
HCLK_CMD_ARG
This register is a queue to receive the value of the SD/eMMC
command argument register when the trigger (transfer)
operation is active
32'h0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com