Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 133Page - Renesas Technology Corp DA16200 Datasheet HTML 134Page - Renesas Technology Corp DA16200 Datasheet HTML 135Page - Renesas Technology Corp DA16200 Datasheet HTML 136Page - Renesas Technology Corp DA16200 Datasheet HTML 137Page - Renesas Technology Corp DA16200 Datasheet HTML 138Page - Renesas Technology Corp DA16200 Datasheet HTML 139Page - Renesas Technology Corp DA16200 Datasheet HTML 140Page - Renesas Technology Corp DA16200 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
137 of 153
© 2023 Renesas Electronics
11.3 Typical Application: fcCSP,1.8 V Flash Normal Power Mode
Figure 63 shows the schematics for an application that uses the DA16200 fcCSP in 1.8 V Flash
mode.
A7
VDD_DA
/PA
A9
GND
A11
ANT
A1
GND
B6
GND
B8
VDD_DA
/PA
B10
GND
B12
GND
B4
RTC_XI
C5
RTC_XO
C7
GND
C9
GND
C11
GND
C1
VDD_DI
O1
D6
RTC_WAKE
_UP
D8
GND
D10
GND
D2
GPIOA5
E5
GND
E9
GND
E11
RBIAS
E3
GPIOA6
E1
GPIOA7
F6
GND
F8
GND
F10
GND
F12
GND
F4
GPIOA4
F2
GPIOA10
G5
GND
G7
GND
G9
GND
G11
RF_XI
G3
GPIOA8
G1
GPIOA11
H6
RTC_WAKE
_UP2
H8
GND
H10
GND
H12
RF_XO
H4
GND
H2
GPIOA9
J5
F_CSN
J7
F_IO2
J9
TCLK
J11
TMS
J3
GND
J1
DCDC_FB
K6
F_IO3
K8
F_IO0
K4
F_CLK
K2
GND
L5
GND
L7
F_IO1
L9
UART_T
XD
L11
GPIOC6
L1
DCDC_LX
M6
GND
M8
DIO2
M10
UART_R
XD
M12
GND
M4
VDD_FDI
O
C8
C19
C18
C15
GPIOA5
GPIOA6
GPIOA7
GPIOA4
GPIOA10
GPIOA8
GPIOA11
GPIOA9
RTC_WAKE_UP2
GPIOC6
GPIOC8
GPIOC7
TCLK
TMS
C11
C10
C3
C2
R1
C1
C13
C7
C6
C5
R2
C4
C9
M2
VBAT
L3
VDD_DI
G
K12
GPIOC7
K10
GPIOC8
D12
VDD_AN
A
A5
RTC_PWR_
KEY
C3
GPIOA1
D4
GPIOA3
GPIOA3
B2
GPIOA2
A3
GPIOA0
VBAT
L1
L3
L2
RF1
C17
R4
R5
VDD_DIO1
( 1.8V ~ 3.3V)
E7
RTC_GPO
Note: Remove R3 and C12 when MCU controls RTC_PWR_KEY
Figure 63: Typical Application
– fcCSP, 1.8 V Flash, Normal Power Mode
The power supply of the External Flash memory is the same as VDD_FDIO.
3.3V External Flash memory can also be used in this Application. A switch must be used to prevent
the addition of flash memory current consumption to DA16200.
Please contact Customer support team for details.
VDD_DIO1/2 can be connected to the same power source as the external component that is
connected to the DA16200. Remove R3 and C12 when an MCU controls
‘RTC_PWR_KEY’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com