Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 132Page - Renesas Technology Corp DA16200 Datasheet HTML 133Page - Renesas Technology Corp DA16200 Datasheet HTML 134Page - Renesas Technology Corp DA16200 Datasheet HTML 135Page - Renesas Technology Corp DA16200 Datasheet HTML 136Page - Renesas Technology Corp DA16200 Datasheet HTML 137Page - Renesas Technology Corp DA16200 Datasheet HTML 138Page - Renesas Technology Corp DA16200 Datasheet HTML 139Page - Renesas Technology Corp DA16200 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
136 of 153
© 2023 Renesas Electronics
Table 216: Component for DA16200 QFN, 1.8 V Flash Mode
Quantity
Part Reference
Value
Description
1
R1
30 kΩ (1 %)
2
C2, C3
1.2 pF
These values may be changed by crystal component
characteristics and board condition.
Part: FCX-07L
5
C1, C4, C5, C7, C9
1 µF
1
C6
470 nF
1
R2
10
kΩ
1
L1
4.7 µH
LQM21PN4R7MGH (Murata)
1
C8
10 µF
2
C10, C11
15 pF
These values may be changed by crystal component
characteristics and board condition.
Part: TFX-03
1
R3
470
kΩ
Remove when MCU control ‘RTC_PWR_KEY’.
This value should be chosen by customer application
to achieve the enough delay time depending on the
power-on time of VBAT.
For detail information, see Section 6.1
1
C12
1uF
Remove when MCU control ‘RTC_PWR_KEY’.
This value should be chosen by customer application
to achieve the enough delay time depending on the
power-on time of VBAT. Not to exceed 1uF.
For detail information, see Section 6.1
2
R4, R5
4.7 kΩ
1
C13
4.7 µF
1
C15
DNI
Optional
1
L3
2.2 nH
1
C17
0.5 pF
Optional
2
C18, C19
1 pF
Optional
1
L2
1.8 nH
Optional
(Use any 5 % tolerance)
Table 217: IO Power Domain
IO Power Domain
VDD_DIO1
GPIOA[11:0]
VDD_DIO2
GPIOC[8:6], TMS, TCLK, UART_TXD, UART_RXD
VDD_FDIO
F_IO[3:0], F_CSN, F_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com