Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 157 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 157 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 153Page - Lattice Semiconductor ORSPI4 Datasheet HTML 154Page - Lattice Semiconductor ORSPI4 Datasheet HTML 155Page - Lattice Semiconductor ORSPI4 Datasheet HTML 156Page - Lattice Semiconductor ORSPI4 Datasheet HTML 157Page - Lattice Semiconductor ORSPI4 Datasheet HTML 158Page - Lattice Semiconductor ORSPI4 Datasheet HTML 159Page - Lattice Semiconductor ORSPI4 Datasheet HTML 160Page - Lattice Semiconductor ORSPI4 Datasheet HTML 161Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
157
SERDES Alarm Mask Registers (Read/Write), x = [A, ...,D]
30001
30011
30021
30031
[0]
Reserved
FF
Reserved. Must be set to “1”.
Set to “1” on device reset.
[1]
MLKI_x
Mask Receive PLL Lock Indication, Channel x.
[2:7]
Reserved
SERDES Common Transmit and Receive Channel Configuration Registers (Read/Write), x = [A, ...,D]
30002
30012
30022
30032
[0]
TXHR_x
00
Transmit Half Rate Selection Bit, Channel x.
When TXHR_x = “1”, HDOUT_x's baud rate = (REFCLK*10) and TCK78
=(REFCLK/4); when TXHR_x=0, HDOUT_x's baud rate = (REFCLK*20) and
TCK78=(REFCLK[A:B]/2).
TXHR_x = 0 on device reset.
[1]
PWRDNT_x
Transmit Powerdown Control Bit, Channel x. When PWRDNT_x = “1”, sec-
tions of the transmit hardware are powered down to conserve power.
PWRDNT_x = 0 on device reset.
[2]
PE0_x
Transmit Preemphasis Selection Bit 0, Channel x. PE0_x and PE1_x select
one of three preemphasis settings for the transmit section.
PEO_x=PE1_x = 0, Preemphasis is 0%
PEO_x=1, PE1_x = 0 or PEO_x=0, PE1_x = 1, Preemphasis is 12.5%
PEO_x=PE1_x = 1, Preemphasis is 25%.
PEO_x=PE1_x = 0 on device reset.
[3]
PE1_x
[4]
HAMP_x
Transmit Half Amplitude Selection Bit, Channel x. When HAMP_x = “1”, the
transmit output buffer voltage swing is limited to half its normal amplitude.
Otherwise, the transmit output buffer maintains its full voltage swing.
HAMP_x = 0 on device reset.
[5]
Reserved
Reserved. Must be set to 0
Set to “0” on device reset.
[6]
Reserved
[7]
8b10bT_x
Transmit 8b/10b Encoder Enable Bit, Channel x. When 8b10bT_x = “1”, the
8b/10b encoder in the transmit path is enabled. Otherwise, the data is
passed unencoded.
8b10bT_x = “0” on device reset.
30003
30013
30023
30033
[0]
RXHR_x
20
Receive Half Rate Selection Bit, Channel x.
When RXHR_x =”1”, HDIN_x's baud rate = (REFCLK*10) and
RCK78=(REFCLK/4); when RXHR_x= “0”, HDIN_x's baud rate = (REF-
CLK*20) and RCK78=(REFCLK/2).
RXHR_x = “0” on device reset.
[1]
PWRDNR_x
Receiver Power Down Control Bit, Channel x. When PWRDNR_x = 1, sec-
tions of the receive hardware are powered down to conserve power.
PWRDNR_x = “0” on device reset.
[2]
Reserved
Reserved. Must be set to “1”.
Set to “1” on device reset.
[3]
8b10bR_x
Receive 8b/10b Decoder Enable Bit, Channel x. When 8b10bR = “1”, the
8b/10b decoder in the receive path is enabled. Otherwise, the data is
passed undeocded.
8b10bR_x = “0” on device reset.
[4]
LINKSM_x
Link State Machine Enable Bit, Channel x. When LINKSM_x = “1”, the
receiver Fiber Channel link state machine is enabled. Otherwise, the Fibre
Channel link state machine is disabled.
NOTE: LINKSM_x is ignored when XAUI_MODE_x= “1”.
LINKSM_x = “0” on device reset.
[5:7]
Reserved
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com