Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 159 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 159 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 155Page - Lattice Semiconductor ORSPI4 Datasheet HTML 156Page - Lattice Semiconductor ORSPI4 Datasheet HTML 157Page - Lattice Semiconductor ORSPI4 Datasheet HTML 158Page - Lattice Semiconductor ORSPI4 Datasheet HTML 159Page - Lattice Semiconductor ORSPI4 Datasheet HTML 160Page - Lattice Semiconductor ORSPI4 Datasheet HTML 161Page - Lattice Semiconductor ORSPI4 Datasheet HTML 162Page - Lattice Semiconductor ORSPI4 Datasheet HTML 163Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
159
Control Registers (Read/Write), x = [A, ...,D]
30800
[0]A
[1]B
[2]C
[3]D
ENBYSYNC[A:D]
00
ENBYSYNC[A:D] = “1” Enables Receiver Byte Synchronization for Channel
x.
ENBYSYNC[A:D] = “0” on device reset.
[4]A
[5]B
[6]C
[7][D]
LCKREFN[A:D]
LCKREFN[A:D]= “0” Locks the receiver PLL to ref reference clock for Chan-
nel x.
LCKREFN[A:D]= “1” = Locks the receiver to data for Channel x.
NOTE: When LCKREFN[A:D] = “0”, the corresponding LKI_x bit is also zero.
LCKREFN[A:D]= “0” on device reset.
30801
[0]A
[1]B
[2]C
[3]D
LOOPENB[A:D]
Enable Loopback Mode for Channel x. When LOOPEN[A:D]= “1”, the trans-
mitter high-speed output is looped back to the receiver high-speed input.
This mode is similar to high-speed loopback mode enabled by TEST-
MODE[A:D] except that LOOPEN[A:D] disables the high-speed serial out-
put.
LOOPEN[A:D]= “0” on device reset.
[4]A
[5]B
[6]C
[7]D
NOWDALIGN[A:D]
Word Align Disable Bit. When NOWDALIGN[A:D]= “1”, receiver word align-
ment is disabled for Channel x.
NOWDALIGN[A:D]= “0” on device reset.
30810
[0]A
[1]B
[2]C
[3]D
DOWDALIGN[A:D]
00
Word Realign Bit. When DOWDALIGN[A:D] transitions from “0” to “1”, the
receiver realigns on the next comma character for Channel x.
DOWDALIGN[A:D]= “0” on device reset.
[4]A
[5]B
[6]C
[7]D
FMPU_STR_EN[A:D]
Enable multi-channel alignment for Channel x. When
FMPU_STR_EN[A:D]= “1”, the corresponding channel participates in multi-
channel alignment.
FMPU_STR_EN[A:D]= “0” on device reset.
30811
[0:1]A
[2:3]B
[4:5]C
[6:7]D
FMPU_SYNMODE[A:
D][0:1]
00
Sync mode for x
00 = No channel alignment
10 = Twin channel alignment
01 = Quad channel alignment
30820
[0]A
[1]B
[2]C
[3]D
FMPU_RESYNC1[A:
D]
00
Resync a Single Channel. When FMPU_RESYNC1[A:D] transitions from “0”
to “1”, the corresponding channel is resynchronized (the write and read
pointers are reset).
FMPU_RESYNC1[A:D]=”0” on device reset.
[4]A &
B
[5]C
&D
FMPU_RESYNC2[1:
2]
00
Resync a Pair of Channels. When FMPU_RESYNC2[1:2] transitions from a
“0” to a “1”, the corresponding channel pair is resynchronized.
FFMPU_RESYNC2[1:2]= “0” on device reset.
[6]
FMPU_RESYNC4[1:
2]
00
Resync a Four-Channel Group. When FMPU_RESYNC4 transitions from a
“0” to a “1”, the corresponding four-channel group is resynchronized.
FMPU_RESYNC4= “0” on device reset.
[7]
XAUI_MODE
00
Controls use of XAUI link state machine in place of Fibre-Channel state
machine. When XAUI_MODE= “1”, all four channels in the SERDES quad
enable their XAUI link state machines. (LINKSM_x bits are ignored).
XAUI_MODE= “0” on device reset.
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com