Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 163 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 163 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 159Page - Lattice Semiconductor ORSPI4 Datasheet HTML 160Page - Lattice Semiconductor ORSPI4 Datasheet HTML 161Page - Lattice Semiconductor ORSPI4 Datasheet HTML 162Page - Lattice Semiconductor ORSPI4 Datasheet HTML 163Page - Lattice Semiconductor ORSPI4 Datasheet HTML 164Page - Lattice Semiconductor ORSPI4 Datasheet HTML 165Page - Lattice Semiconductor ORSPI4 Datasheet HTML 166Page - Lattice Semiconductor ORSPI4 Datasheet HTML 167Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
163
SPI4 Core TX/RX Control Registers (Read and Write)
30914 A
30A14 B
[0]
Reserved
00
[1]
Reserved
[2]
RX_ILLEGAL_CTL_I
NT_EN
This bit enables the status flag and the interrupt when the SPI4 receives
unsupported extended control words.
[3:4]
Reserved
[5]
RX_DIP4_INT_EN
This bit enables the status flag and the interrupt for the SPI4 core RX detec-
tion of a DIP4 error.
[6]
TX_DIP2_INT_EN
This bit enables the status flag and the interrupt for the SPI4 core TX detec-
tion of a status framing error (either DIP2 or unexpected 11 pattern).
[7]
RX_ASYNC_FIFO_O
VERRUN_INT_EN
This bit enables the status flag and the interrupt for the SPI4 core asynchro-
nous FIFO in RDP block being overrun.
30915 A
30A15 B
[0]
SPI4_QUARTER_RA
TE
00
When set to ‘1’, enables data rates of 100 - 200 Mbps. The PLLs in the
transmit and receive SPI4 high-speed blocks are bypassed in this mode.
[1]
SPI4_LOOPBK_FE
This control enables far-end loopback when it is set to 1. Far-end loopback
sends RDAT inputs back to TDAT outputs, sends RDCLK back to TDCLK,
sends TSTAT back to RSTAT outputs, and ATSCLK back to RSCLK.
[2]
SPI4_LOW_SPEED_
DATA_SEL
Forces low speed data rates of (400-622 Mbits/s). The transmit PLL is still
used to synthesize the SPI4 transmit clock TDCLK. However, the dynamic
alignment block in the receive side is bypassed. No training sequences are
used in low speed mode.
[3]
SPI4_STATUS_IO_S
EL
‘0’ - Selects LVTTL I/O for SPI4 status
‘1’ - Selects LVDS I/Os for SPI4 status (Full-rate LVDS status I/Os specified
by OIF SPI4.0 is not supported).
[4]
SPI4_LOOPBK_HS
Enables loops from high-speed SPI4 TDAT outputs to RDAT inputs and
RSTAT to TSTAT status inputs just before I/O.
[5]
SPI4_LOOPBK_LS
Enables near-end parallel loop from TDP to RDP blocks and RSP to TSP
blocks bypassing the high-speed SPI4 interface logic blocks. Must enable
SPI4_LOOPBK_HS for this to work.
[6]
TX_FORCE_DIP4_E
RR
Causes TDP to send bad parity code words.
[7]
RX_FORCE_DIP2_E
RR
Causes RSP to send bad parity code words.
30916 A
30A16 B
[0:2]
Reserved
[3]
MIN_BURST_MODE 00
Set minimum burst mode for transmit path
[4]
RX_CAL_SW_EN
Inserts the calendar select word after the frame sync pattern on the receive
SPI4 status channel
[5]
RX_CAL_SEL
0 = Selects main calendar for outgoing RX status frame (calendar select
word will be “01”)
1 = Selects shadow calendar (calendar select word will be “10”)
[6]
TX_CAL_SW_EN
Detect the calendar select word after the frame sync pattern on the transmit
status
[7]
TX_BURST_TERMIN
ATION
Mode control for managing the transmission of bursts when the DPRAM
partition becomes empty in the middle of a burst.
0 =continue to try to access DPRAM for the remainder of burst.
1 = abort the burst.
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com