Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 164 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 164 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 160Page - Lattice Semiconductor ORSPI4 Datasheet HTML 161Page - Lattice Semiconductor ORSPI4 Datasheet HTML 162Page - Lattice Semiconductor ORSPI4 Datasheet HTML 163Page - Lattice Semiconductor ORSPI4 Datasheet HTML 164Page - Lattice Semiconductor ORSPI4 Datasheet HTML 165Page - Lattice Semiconductor ORSPI4 Datasheet HTML 166Page - Lattice Semiconductor ORSPI4 Datasheet HTML 167Page - Lattice Semiconductor ORSPI4 Datasheet HTML 168Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
164
30917 A
30A17 B
[0:1]
Reserved
[2]
RX_CAL_MEM_SEL 00
Enables calendar memory for SPI4 RX calendar to be written via
MPI. The RX_CAL memory encompasses address ranges 0 to 2047.
Addresses 0 to 1023 are for the main calendar; addresses 1024 to 2047 are
for the shadow calendar. SPI4 RX Calendar memory is write only.
[3]
RX_PDM_MEM_SEL
Enables memory for SPI4 RX port descriptors to be read or written via MPI.
Addresses 0 to 255 valid for this memory.
Each location contains 3 unused bits, 2 BANK_ID bits and 3 PARTITION_ID
bits.
[4]
TX_CAL_MEM_SEL
Enables calendar memory for SPI4 TX calendar to be written via
MPI. The TX_CAL memory encompasses address ranges 0 to 2047.
Addresses 0 to 1023 are for the main calendar; addresses 1024 to 2047 are
for the shadow calendar.SPI4 TX Calendar memory is write only.
[5]
TX_PDM_MEM_SEL
Enables memory for SPI4 TX port descriptors to be read or written via MPI.
The valid address range is 0 to 1023. The least significant 2 address bits are
used as byte enables.
00 accesses the PORT_ID (8 bits)
01 accesses PARTITION_ID (3 bits), an unused bit and BURST_VAL (4 bits)
10 accesses 4 unused bits, MB_EN (1 bit), M (1 bit), and BANK_ID (2 bits).
The upper 8 bits of address represent the port number being configured.
[6]
TX_CRED_MEM_SE
L
Enables read and write access to TX credits via MPI. The valid memory
address range is 0 to 511. The credit for each port is a 10-bit entity. The
upper 8 of 9 bits of address select which port to read or write. The lowest bit
of address acts as a byte select as follows:
0 accesses the least significant 8 bits of the credit field
1 accesses the most significant 2 bits (right-justified) of the credit field
[7]
TX_STAT_MEM_SEL
Enables memory for SPI4 TX status to be read or written via MPI. This
memory used address ranges 0 to 255. Each location has six left-most bits
unused and two status bits.
30920 A
30A20 B
[0:3}
TX_DPRAM_FULL_T
YPE_SEL
00
Full level select for all partitions within bank [0:3]. Valid for 32-bit, 64-bit and
128-bit mode.
0 = truly full
1 = 3/4 FIFO lines full +1. E.g.: For a FIFO size of 32, this value will be (3/4 *
32) + 1 = 25 lines. Each line in the FIFO is always 128 bits of data irrespec-
tive of the aggregation mode
[4:7]
RX_DPRAM_EMPTY
_TYPE_SEL
Empty level select for all partitions within bank [0:3]. Valid for 32-bit, 64-bit
and 128-bit mode.
0 = truly empty
1 = 1/4 full - 1. E.g.: For a FIFO size of 32, this value will be (1/4 * 32) - 1 = 7
lines. Each line in the FIFO is always 128 bits of data irrespective of the
aggregation mode
SPI4 Core TX Control Registers (Read and Write)
30921 A
30A21 B
[0:7]
TX_CAL_M_MAIN
00
Number of times the transmit main calendar sequence is repeated between
insertions of framing pattern.
30922 A
30A22 B
[0:5]
Reserved
[6:7]
TX_CAL_LEN_MAIN 00
Length of main calendar sequence on the TX status frame. These are the
most significant 2 bits of 10 total.
30923 A
30A23
[0:7]
TX_CAL_LEN_MAIN
Length of main calendar sequence on the TX status frame. These are the
least significant 8 bits of 10 total.
30924 A
30A24 B
[0:7]
TX_CAL_M_SHD
00
Number of times the transmit shadow calendar sequence is repeated
between insertions of framing pattern.
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com