Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 167 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 167 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 163Page - Lattice Semiconductor ORSPI4 Datasheet HTML 164Page - Lattice Semiconductor ORSPI4 Datasheet HTML 165Page - Lattice Semiconductor ORSPI4 Datasheet HTML 166Page - Lattice Semiconductor ORSPI4 Datasheet HTML 167Page - Lattice Semiconductor ORSPI4 Datasheet HTML 168Page - Lattice Semiconductor ORSPI4 Datasheet HTML 169Page - Lattice Semiconductor ORSPI4 Datasheet HTML 170Page - Lattice Semiconductor ORSPI4 Datasheet HTML 171Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
167
30919A
30A19B
[0:7]
RX_DPRAM_1_FIFO
_URRUN_STS
00
Underrun status of bank 1 DPRAM FIFOs 0 to 7. These are enabled by
RX_DPRAM_FIFO_URRUN_INT_EN[1] (register 30912[A], 30A12[B]).
These bits clear when read, but will set immediately if the condition persists.
3091A A
30A1A B
[0:7]
RX_DPRAM_2_FIFO
_URRUN_STS
00
Underrun status of bank 2 DPRAM FIFOs 0 to 7. These are enabled by
RX_DPRAM_FIFO_URRUN_INT_EN[2] (register 30912[A], 30A12[B]).
These bits clear when read, but will set immediately if the condition persists.
3091B A
30A1B B
[0:7]
RX_DPRAM_3_FIFO
_URRUN_STS
00
Underrun status of bank 3 DPRAM FIFOs 0 to 7. These are enabled by
RX_DPRAM_FIFO_URRUN_INT_EN[3] (register 30912[A], 30A12[B]).
These bits clear when read, but will set immediately if the condition persists.
3091C A
30A1C B
[0]
RX_PLL_LOL_STS
00
Status flag for loss of lock in PLL within the SPI4 receive core. This flag is
enabled by RX_PLL_LOL_INT_EN (register 30913[A], 30A13[B]).
[1]
RX_BAS_DONE_ST
S
Status flag for SPI4 receive core completing the baselining process. Base-
lining is the self-alignment power-up process that the macro does after it
detects lock of the PLL. This flag is enabled by RX_BAS_DONE_INT_EN.
(register 30913[A], 30A13[B])
[2]
RX_BAS_ERR_STS
Status flag for SPI4 receive core failing its internal self-alignment process.
This flag is enables by RX_BAS_INT_EN (register 30913[A], 30A13[B]).
[3]
RX_DSKW_DONE_S
TS
Status flag for SPI4 receive dynamic alignment complete. This flag is
enabled by RX_DSKW_DONE_INT_EN.
[4]
RX_DSKW_ERR_ST
S
Status flag for SPI4 receive core failing to dynamically align. This flag is
enabled by RX_DSKW_ERR_INT_EN (register 30913[A], 30A13[B]).
[5]
RX_TRN_DET_STS
Status flag for SPI4 receive core detecting training patterns. This flag is
enabled by RX_TRN_DET_INT_EN (register 30913[A], 30A13[B]).
[6]
RX_ALGN_OFF_ST
S
Status flag for loss of data alignment due to excess consecutive DIP4 errors.
This flag is enabled by RX_ALIGN_OFF_INT_EN (register 30913[A],
30A13[B]).
[7]
TX_STATUS_LOF_S
TS
Status flag for TX status frame having too many consecutive DIP2 errors.
This flag is enabled by TX_STATUS_LOF_INT_EN (register 30913[A],
30A13[B]).
3091D A
30A1D B
[0:1]
Reserved
[2]
RX_ILLEGAL_CTL_
STS
0
Status flag indicating that an illegal control work was received
[3:4]
Reserved
[5]
RX_DIP4_ERR_STS 00
Status flag for DIP4 error
[6]
TX_DIP2_ERR_STS
Flag for error in framing TSTAT[0:1] inputs. This can be an unexpected 11
pattern or a DIP2 error.
[7]
RX_ASYNC_FIFO_O
VERRUN_STS
Status flag for RX FIFO overrun inside S4RDP block.
SPI4 Core TX Status Registers (Read and Write)
30928 A
30A28 B
[0:7]
TX_DPRAM_0_FIFO
_OVERRUN_STS
00
Overrun status of bank 0 TX DPRAM FIFOs 0 to 7. These are enabled by
TX_DPRAM_FIFO_OVERRUN_INT_EN[0]. These bits clear when read, but
will set immediately if the condition persists. This will happen when writing to
the DPRAM FIFOs while SPI[A,B]_k_FIFO_FULL_j is high.
30929 A
30A29 B
[0:7]
TX_DPRAM_1_FIFO
_OVERRUN_STS
00
Overrun status of bank 1 TX DPRAM FIFOs 0 to 7. These are enabled by
TX_DPRAM_FIFO_OVERRUN_INT_EN[1]. These bits clear when read, but
will set immediately if the condition persists. This will happen when writing to
the DPRAM FIFOs while SPI[A,B]_k_FIFO_FULL_j is high.
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com