Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 169 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 169 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 165Page - Lattice Semiconductor ORSPI4 Datasheet HTML 166Page - Lattice Semiconductor ORSPI4 Datasheet HTML 167Page - Lattice Semiconductor ORSPI4 Datasheet HTML 168Page - Lattice Semiconductor ORSPI4 Datasheet HTML 169Page - Lattice Semiconductor ORSPI4 Datasheet HTML 170Page - Lattice Semiconductor ORSPI4 Datasheet HTML 171Page - Lattice Semiconductor ORSPI4 Datasheet HTML 172Page - Lattice Semiconductor ORSPI4 Datasheet HTML 173Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
169
30B02
[0:6]
Reserved
[7]
MC_ID_ERR_INT_E
N
Enable for incoherent data and instruction words status flag
MC_ID_ERR_STS, and associated interrupt MEM_CTRL2_INT.
30B03
[0]
MC_BURST_MODE
00
0 = 2-word burst
1 = 4-word burst
[1]
Reserved
[2:3]
MC_ICK_SEL
Input clock selector:
00 = MCREFCLK (HSTL)
01 = BTREFCLK (SPIA reference, LVTTL)
10 = ATREFCLK (SPIB reference, LVTTL)
11 = F_MC_REFCLK (FPGA)
[4:6]
Reserved
[7]
MC_OCK_SEL
00
Selects between input clock divided by 2, or PLL output for source of
PMIC/PMICN:
0 = input clock
1 = PLL
30B04
[0]
Reserved
[1:3]
PLL_N
00
Numerator of multiplier factor for frequency of PLL output clock:
CK2X = MC_ICK * (PLL_N / PLL_M)
[4]
Reserved
[5:7]
PLL_M
00
Denominator of multiplier factor for frequency of PLL Output clock:
CK2X = MC_ICK * (PLL_N / PLL_M)
30B05
[0:7}
Reserved
30B06
[0:7]
Reserved
Memory Controller Status Registers (Read Only)
30B08
[0]
MC_RD_DFIFO_UR
RUN_STS
00
Status flag for read data FIFO underrun. Enabled by
MC_RD_DFIFO_URRUN_INT_EN
[1]
MC_RD_IFIFO_URR
UN_STS
Status flag for read instruction FIFO underrun. Enabled by
MC_RD_IFIFO_URRUN_INT_EN
[2]
MC_WR_DFIFO_UR
RUN_STS
Status flag for write data FIFO underrun. Enabled by
MC_WR_DFIFO_URRUN_INT_EN
[3]
MC_WR_IFIFO_URR
UN_STS
Status flag for write instruction FIFO underrun. Enabled by
MC_WR_IFIFO_URRUN_INT_EN
[4]
MC_RD_DFIFO_OV
ERRUN_STS
Status flag for read data FIFO overrun. Enabled by
MC_RD_DFIFO_OVERRUN_INT_EN
[5]
MC_RD_IFIFO_OVE
RRUN_STS
Status flag for read instruction FIFO overrun. Enabled by
MC_RD_IFIFO_OVERRUN_INT_EN
[6]
MC_WR_DFIFO_OV
ERRUN_STS
Status flag for write data FIFO overrun. Enabled by
MC_WR_DFIFO_OVERRUN_INT_EN
[7]
MC_WR_IFIFO_OVE
RRUN_STS
Status flag for write instruction FIFO overrun. Enabled by
MC_WR_IFIFO_OVERRUN_INT_EN
30B09
[0:6]
Reserved
[7]
MC_ID_ERR_STS
00
Status flag for incoherent data and instruction words. Enabled by
MC_ID_ERR_INT_EN.
30B0A
[0:7]
Reserved
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com