Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 172 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 172 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 168Page - Lattice Semiconductor ORSPI4 Datasheet HTML 169Page - Lattice Semiconductor ORSPI4 Datasheet HTML 170Page - Lattice Semiconductor ORSPI4 Datasheet HTML 171Page - Lattice Semiconductor ORSPI4 Datasheet HTML 172Page - Lattice Semiconductor ORSPI4 Datasheet HTML 173Page - Lattice Semiconductor ORSPI4 Datasheet HTML 174Page - Lattice Semiconductor ORSPI4 Datasheet HTML 175Page - Lattice Semiconductor ORSPI4 Datasheet HTML 176Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
172
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of this data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
The ORCA Series 4 FPSCs include circuitry designed to protect the chips from damaging substrate injection cur-
rents and to prevent accumulations of static charge. Nevertheless, conventional precautions should be observed
during storage, handling, and use to avoid exposure to excessive electrical stress
Table 48. Absolute Maximum Ratings.
Parameter
Symbol
Min.
Max.
Unit
Storage Temperature
TSTG
-65
150
°C
Power Supply Voltage with Respect to Ground
VDD33
- 0.3
4.2
V
VDD33_FPGAPLL
-0.3
4.2
V
VDD15
-0.3
2.0
V
VDDIO
- 0.3
4.2
V
SPI4 Voltages with respect to Ground
VDDA_SPIA
-0.3
2.0
V
VDDA_SPIB
-0.3
2.0
V
VDDA_SPIC
-0.3
2.0
V
VDDA_SPID
-0.3
2.0
V
Memory Controller Voltages with respect to Ground
VDDH
-0.3
2.0
V
VDD_PLL
-0.3
4.2
V
SERDES Supply Voltages
VDD_ANA
-0.3
2.0
V
VDDGB
-0.3
2.0
V
FPGA Input Signal with Respect to Ground
VIN
VSS – 0.3
VDDIO + 0.3
V
FPGA Signal Applied to High-impedance Output
—
VSS – 0.3
VDDIO + 0.3
V
Maximum Package Body (Soldering) Temperature
—
—
220
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com