Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 170 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 170 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 166Page - Lattice Semiconductor ORSPI4 Datasheet HTML 167Page - Lattice Semiconductor ORSPI4 Datasheet HTML 168Page - Lattice Semiconductor ORSPI4 Datasheet HTML 169Page - Lattice Semiconductor ORSPI4 Datasheet HTML 170Page - Lattice Semiconductor ORSPI4 Datasheet HTML 171Page - Lattice Semiconductor ORSPI4 Datasheet HTML 172Page - Lattice Semiconductor ORSPI4 Datasheet HTML 173Page - Lattice Semiconductor ORSPI4 Datasheet HTML 174Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
170
Common Control Registers (Read and Write)
30B20
[0:3]
Reserved
[4]
HARD_RESET_FC
00
Hard reset for SERDES block. When set to 1, disabled SERDES logic by
resetting it. Same functionality as interface signal FPGA_RESET_FC
[5]
SOFT_RESET_MC
Software reset for Memory Controller block
[6]
SOFT_RESET_S4A
Software reset for SPIA block
[7]
SOFT_RESET_S4B
Software reset for SPIB block
30B21
[0:6]
COM_SPARE_C
00
Spare common control bits
[7]
FORCE_INT
Force all the enabled status and interrupt bits
Common Status Registers (Read and Write)
30B28
[0:7]
Reserved
Reserved
30B29
[0]
SERDES_INT
00
Signals that an enabled interrupt has come from the SERDES. This is
cleared when read and will only reassert when the underlying event goes
away and comes back.
[1]
MEM_CTRL2_INT
Signals that an enabled interrupt has come from the Memory Controller
other than the FIFOs. This is cleared when read and will only reassert when
the underlying event goes away and comes back.
[2]
MEM_CTRL1_INT
Signals that an enabled interrupt has come from the Memory Controller
FIFOs. This is cleared when read and will only reassert when the underlying
event goes away and comes back.
[3]
DPRAM_INT
Signals that an enabled interrupt has come from one of the DPRAM FIFO
banks. This is cleared when read and will only reassert when the underlying
event goes away and comes back.
[4]
SPI_B_COR2_INT
Signals that an enabled interrupt has come from the register 30A1D. This is
cleared when read and will only reassert when the underlying event goes
away and comes back.
[5]
SPI_B_COR1_INT
Signals that an enabled interrupt has come from register 30A1C. This is
cleared when read and will only reassert when the underlying event goes
away and comes back.
[6]
SPI_A_COR2_INT
Signals that an enabled interrupt has come from register 3091D. This is
cleared when read and will only reassert when the underlying event goes
away and comes back.
[7]
SPI_A_COR1_INT
Signals that an enabled interrupt has come from register 3091C. This is
cleared when read and will only reassert when the underlying event goes
away and comes back.
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com