Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 173 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 173 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 169Page - Lattice Semiconductor ORSPI4 Datasheet HTML 170Page - Lattice Semiconductor ORSPI4 Datasheet HTML 171Page - Lattice Semiconductor ORSPI4 Datasheet HTML 172Page - Lattice Semiconductor ORSPI4 Datasheet HTML 173Page - Lattice Semiconductor ORSPI4 Datasheet HTML 174Page - Lattice Semiconductor ORSPI4 Datasheet HTML 175Page - Lattice Semiconductor ORSPI4 Datasheet HTML 176Page - Lattice Semiconductor ORSPI4 Datasheet HTML 177Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
173
Recommended Operating Conditions
Table 49. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Power Supply Voltage with respect to Ground
1
VDD33
3.0
3.6
V
VDD33_FPGAPLL
3.0
3.6
V
VDD15
1.425
1.575
V
SPI4 Voltages with respect to Ground
VDDA_SPIA
1.425
1.575
V
VDDA_SPIB
1.425
1.575
V
VDDA_SPIC
1.425
1.575
V
VDDA_SPID
1.425
1.575
V
Memory Controller Voltages with respect to Ground
VDDH
2
1.425
1.575
V
REF_1
0.64
0.87
V
REF_2
0.64
0.87
V
REF_3
0.64
0.87
V
REF_4
0.64
0.87
V
VDDA_PLL
3.0
3.6
V
SERDES Supply Voltage
VDD_ANA
1.425
1.575
V
VDDGB
1.425
1.575
V
SERDES CML I/O Supply Voltages
VDDIB
1.425
1.89
V
VDDOB
1.425
1.89
V
FPGA Input Voltage
V_IN
Vss-0.3
VDDIO to +0.3
V
Memory Controller Input Voltage
2
V_IWMCTRL
Vss-0.3
1.89
V
Junction Temperature
TJ
– 40
125
°C
1. For FPGA Recommended Operating Conditions and Electrical Characteristics, see the Recommended Operating Conditions and Electri-
cal Characteristics tables in the ORCA Series 4 FPGA data sheet (OR4E06) and the ORCA Series 4 I/O Buffer Technical Note.
2 Memory Controller 1.8V tolerant with VDDH = 1.5V ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com