Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 177 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 177 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 173Page - Lattice Semiconductor ORSPI4 Datasheet HTML 174Page - Lattice Semiconductor ORSPI4 Datasheet HTML 175Page - Lattice Semiconductor ORSPI4 Datasheet HTML 176Page - Lattice Semiconductor ORSPI4 Datasheet HTML 177Page - Lattice Semiconductor ORSPI4 Datasheet HTML 178Page - Lattice Semiconductor ORSPI4 Datasheet HTML 179Page - Lattice Semiconductor ORSPI4 Datasheet HTML 180Page - Lattice Semiconductor ORSPI4 Datasheet HTML 181Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
177
Figure 88. Output Buffer Delays
Table 57. LVDS Driver AC Data
1
Termination Resistor
The LVDS drivers and receivers operate at 100
Ω differential impedance, as shown below. External resistors are not
required. The differential driver and receiver buffers include termination resistors inside the device package, as shown in Figure
89 below. The center tap inputs should be connected to ground via a .01 pF capacitor.
Figure 89. SPI4 LVDS Driver and Receiver and Associated Internal Components
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
VOD Fall Time, 80% to 20%
tF
ZL = 100
Ω ± 1%
CPAD = 3.0 pF, CPAD = 3.0 pF
100
—
210
ps
VOD Rise Time, 20% to 80%
tR
ZL = 100
Ω ± 1%
CPAD = 3.0 pF, CPAD = 3.0 pF
100
—
210
ps
Differential Skew
|tPHLA – tPLHB| or |tPHLB – tPLHA|tSKEW1
Any differential pair on pack-
age at 50% point of the tran-
sition
—
—
50
ps
1. VDD33 = 3.1V - 3.5 V, VDD15 = 1.4V - 1.6 V, -40˚C.
PAD
OUT
PAD
OUT
3pF
3pF
ts[i]
out[i]
LVDS Receiver
50
Ω
LVDS Driver
100
Ω
50
Ω
Center Tap
External Device Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com