Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 181 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 181 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 177Page - Lattice Semiconductor ORSPI4 Datasheet HTML 178Page - Lattice Semiconductor ORSPI4 Datasheet HTML 179Page - Lattice Semiconductor ORSPI4 Datasheet HTML 180Page - Lattice Semiconductor ORSPI4 Datasheet HTML 181Page - Lattice Semiconductor ORSPI4 Datasheet HTML 182Page - Lattice Semiconductor ORSPI4 Datasheet HTML 183Page - Lattice Semiconductor ORSPI4 Datasheet HTML 184Page - Lattice Semiconductor ORSPI4 Datasheet HTML 185Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
181
The static timing budget for a data transfer between two ORSPI4 devices at a data rate of 650 Mbps in shown in
Table 61.
Table 61. Data Path Interface Timing Example for Static Alignment (ORSPI4 to ORSPI4)
Note 1: ORSPI4 Transmit Specification
Note 2: ORSPI4 Receive Specification
Description
Value
Unit
TDCLK/RDCLK frequency
325
MHz
Before reference point A
1
Clock to data skew, clock duty cycle distortion,
data duty cycle distortion, data jitterTdia + Tdib
400
ps
Between reference points A and B
Data to data skew, relative jitter
100
ps
Subtotal Gmax
500
ps
After reference point B
Device setup and hold
2
940
ps
Sampling Error
50
ps
Total
1490
ps
Total 650 Mbps bit period
1540
ps
Available margin
50
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com