Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 185 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 185 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 181Page - Lattice Semiconductor ORSPI4 Datasheet HTML 182Page - Lattice Semiconductor ORSPI4 Datasheet HTML 183Page - Lattice Semiconductor ORSPI4 Datasheet HTML 184Page - Lattice Semiconductor ORSPI4 Datasheet HTML 185Page - Lattice Semiconductor ORSPI4 Datasheet HTML 186Page - Lattice Semiconductor ORSPI4 Datasheet HTML 187Page - Lattice Semiconductor ORSPI4 Datasheet HTML 188Page - Lattice Semiconductor ORSPI4 Datasheet HTML 189Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
185
SERDES Electrical and Timing Characteristics
SERDES High Speed Data Transmitter
Table 65 specifies serial data output buffer parameters measured on devices with typical and worst case process
parameters and over the full range of operation conditions.
Table 65. Serial Output Timing and Levels (CML I/O)
Transmitter output jitter is a critical parameter to systems with high-speed data links. Table 66 and Table 67 specify
the transmitter output jitter for typical and worst case devices over the full range of operating conditions.
Table 66. Channel Output Jitter (3.125 Gbits/s)
Table 67. Channel Output Jitter (2.5 Gbits/s)
Parameter
Min.
Typ.
Max.
Units
Rise Time (20%—80%)
50
80
110
ps
Fall Time (80%—20%)
50
80
110
ps
Common Mode
VDDOB – 0.30
VDDOB – 0.25
VDDOB – 0.15
V
Differential Swing (Full Amplitude)
1
600
700
1000
mVp-p
Differential Swing (Half Amplitude)
1
300
350
500
mVp-p
Output Load (external)
—
86
—
Ω.
1. Differential swings are measured at the end of 3 inches of FR-4 and 12 inches of coax cable.
Parameter
Min.
Typ.
1
Max.
1
Units
Deterministic
—
0.13
0.24
UIp-p
Random
—
0.06
0.12
UIp-p
Total
2, 3
—
0.19
0.36
UIp-p
1. With PRBS 2^7-1 data pattern, all channels operating, FPGA logic active, REFCLK jitter of 30 ps., 0
oC to 85oC, 1.425 V to 1.575 V supply.
2. Wavecrest SIA-3000 instrument used to measure one-sigma (rms) random jitter component value. This value is multiplied by 14 to provide
the peak-to-peak value that corresponds to a BER of 10
-12.
3. Total jitter measurement performed with Wavecrest SIA-3000 at a BER of 10
-12. See instrument documentation and other Wavecrest publi-
cations for a detailed discussion of jitter types included in this measurement.
Parameter
Min.
Typ.
1
Max.
1
Units
Deterministic
—
0.12
0.15
UIp-p
Random
—
0.06
0.16
UIp-p
Total
2, 3
—
0.18
0.31
UIp-p
1. With PRBS 2^7-1 data pattern, all channels operating, FPGA logic active, REFCLK jitter of 30 ps., 0
oC to 85oC, 1.425 V to 1.575 V supply.
2. Wavecrest SIA-3000 instrument used to measure one-sigma (rms) random jitter component value. This value is multiplied by 14 to provide
the peak-to-peak value that corresponds to a BER of 10
-12.
3. Total jitter measurement performed with Wavecrest SIA-3000 at a BER of 10
-12. See instrument documentation and other Wavecrest publi-
cations for a detailed discussion of jitter types included in this measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com