Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 182 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 182 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 178Page - Lattice Semiconductor ORSPI4 Datasheet HTML 179Page - Lattice Semiconductor ORSPI4 Datasheet HTML 180Page - Lattice Semiconductor ORSPI4 Datasheet HTML 181Page - Lattice Semiconductor ORSPI4 Datasheet HTML 182Page - Lattice Semiconductor ORSPI4 Datasheet HTML 183Page - Lattice Semiconductor ORSPI4 Datasheet HTML 184Page - Lattice Semiconductor ORSPI4 Datasheet HTML 185Page - Lattice Semiconductor ORSPI4 Datasheet HTML 186Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
182
The dynamic alignment timing budget for a data transfer between two ORSPI4 devices is shown in Table 62.
Table 62. Data Path Parameters for Dynamic Alignment.
With PRBS 2^7-1 data pattern, all channels operating, FPGA logic active, 900 Mbit/s data rate with 112.5 Mhz REFCLK, REFCLK jitter of 30 ps,
TJ = -40º C to 125º C, 1.425 V to 1.575 V supply. Jitter measured with a Wavecrest SIA-3000.
SPI4.2 Status Interface
System Timing Reference Points
Figure 93 shows the system timing reference points A and B for status channel timing parameters listed in Table
63.
Figure 93. Status Channel Reference Points
Figure 94. Status Channel Reference Points with Respect to Clock Edge (LVDS and LVTTL I/Os)
Description
Value
(UI peak-to-peak)
Transmit clock jitter
0.11
Transmit data jitter with respect to clock edge
0.09
Receive clock jitter tolerance
0.60
Source
Sink
TSTAT[1:0] /
RSTAT[1:0]
TSCLK/RSCLK
DC
Note: Only status signals are shown
RSCLK
RSTAT
(C)
Launch Edge
T
dia
T
dib
(D)
Capture Edge
t
s
t
h
TSCLK
TSTAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com