Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 186 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 186 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 182Page - Lattice Semiconductor ORSPI4 Datasheet HTML 183Page - Lattice Semiconductor ORSPI4 Datasheet HTML 184Page - Lattice Semiconductor ORSPI4 Datasheet HTML 185Page - Lattice Semiconductor ORSPI4 Datasheet HTML 186Page - Lattice Semiconductor ORSPI4 Datasheet HTML 187Page - Lattice Semiconductor ORSPI4 Datasheet HTML 188Page - Lattice Semiconductor ORSPI4 Datasheet HTML 189Page - Lattice Semiconductor ORSPI4 Datasheet HTML 190Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
186
SERDES High Speed Data Receiver
Table 68 specifies receiver parameters measured on devices with worst case process parameters and over the full
range of operation conditions.
Table 68. External Data Input Specifications
Input Data Jitter Tolerance
A receiver's ability to tolerate incoming signal jitter is very dependent on jitter type. High speed serial interface stan-
dards have recognized the dependency on jitter type and have recently modified specifications to indicate toler-
ance levels for different jitter types as they relate to specific protocols (e.g XAUI, FC, Infiniband etc.). Sinusoidal
jitter is considered to be a worst case jitter type. Table 69 shows receiver specifications with 10 MHz sinusoidal jit-
ter injection. XAUI specific jitter tolerance measurements were measured in a separate experiment detailed in tech-
nical note TN1032,
SERDES Test Chip Jitter, and are not reflected in these results.
Table 69. Receiver Sinusoidal Jitter Tolerance Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Data
Stream of Nontransitions
8b/10b encode/decode off
—
—
72
Bits
Sensitivity (differential), worst-case
1
3.125 Gbps
80
—
—
mVp-p
Input Levels
2
—VSS - 0.3
—
VDD_ANA + 0.3
V
Internal Buffer Resistance (Each input to VDDIB)
—
40
50
60
Ω.
PLL Lock Time
3
—
—
—
Note 3
—
1. With PRBS 2^7-1 data pattern, all channels operating, FPGA logic active, REFCLK jitter of 30 ps., TA = 0
oC to 85oC, 1.425 V to 1.575 V sup-
ply.
2. Input level min + (input peak to peak swing)/2
≤ common mode input voltage ≤ input level max - (input peak to peak swing)/2
3. The ORSPI4 SERDES receiver performs four levels of synchronization on the incoming serial data stream, providing first bit, then byte
(character), then channel (32-bit word), and finally optional multi-channel alignment as described in TN1025. The PLL Lock Time is the time
required for the CDR PLL to lock to the transitions in the incoming high-speed serial data stream. If the PLL is unable to lock to the serial
data stream, it instead locks to REFCLK to stabilize the voltage-controlled oscillator (VCO), and periodically switches back to the serial data
stream to again attempt synchronization.
Parameter
Conditions
Max.
Unit
Input Data
Jitter Tolerance @ 3.125 Gbps, Typical
600 mV diff eye
1
0.75
UIP-P
Jitter Tolerance @ 3.125 Gbps, Worst case
600 mV diff eye
1
0.65
UIP-P
Jitter Tolerance @ 2.5 Gbps, Typical
600 mV diff eye
1
0.79
UIP-P
Jitter Tolerance @ 2.5 Gbps, Worst case
600 mV diff eye
1
0.67
UIP-P
1. With PRBS 2^7-1 data pattern, all channels operating, FPGA logic active, REFCLK jitter of 30 ps., TA = 0
oC to 85oC, 1.425 V
to 1.575 V supply. Jitter measured with a Wavecrest SIA-3000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com