Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 187 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 187 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 183Page - Lattice Semiconductor ORSPI4 Datasheet HTML 184Page - Lattice Semiconductor ORSPI4 Datasheet HTML 185Page - Lattice Semiconductor ORSPI4 Datasheet HTML 186Page - Lattice Semiconductor ORSPI4 Datasheet HTML 187Page - Lattice Semiconductor ORSPI4 Datasheet HTML 188Page - Lattice Semiconductor ORSPI4 Datasheet HTML 189Page - Lattice Semiconductor ORSPI4 Datasheet HTML 190Page - Lattice Semiconductor ORSPI4 Datasheet HTML 191Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
187
Input Eye-Mask Characterization
Figure 97 provides an eye-mask characterization of the SERDES receiver input. The eye-mask is specified below
for two different eye-mask heights. It provides guidance on a number of input parameters, including signal ampli-
tude and rise time limits, noise and jitter limits, and P and N input skew tolerance. Almost all detrimental character-
istics of transmit signal and the interconnection link design result in eye-closure. This, combined with the eye-
opening limitations of the line receiver, can provide a good indication of a link’s ability to transfer data error-free.
The Clock and Data Recovery (CDR) portion of the ORSPI4 SERDES receiver has the ability to filter incoming sig-
nal jitter that is below the clock recovery PLL bandwidth (about 3 MHz). The eye-mask specifications of Table 70
are for jitter frequencies above the PLL bandwidth of the CDR, which is a worst case condition. When jitter occurs
at frequencies below the PLL bandwidth, the receiver jitter tolerance is significantly better. For this case error-free
data detection can occur even with a completely closed eye-mask.
Figure 97. Receive Data Eye-Diagram Template (Differential)
Table 70. Receiver Eye-Mask Specifications1
Parameter
Conditions
Value
Unit
Input Data
Eye Opening Width (H) @ 3.125 Gbps
V=175 mV diff
1
0.55
UIP-P
Eye Opening Width (T) @ 3.125 Gbps
V=175 mV diff
1
0.15
UIP-P
Eye Opening Width (H) @ 3.125 Gbps
V=600 mV diff
1
0.35
UIP-P
Eye Opening Width (T) @ 3.125 Gbps
V=600 mV diff
1
0.10
UIP-P
Eye Opening Width (H) @ 2.5 Gbps
V=175 mV diff
1
0.42
UIP-P
Eye Opening Width (T) @ 2.5 Gbps
V=175 mV diff
1
0.15
UIP-P
Eye Opening Width (H) @ 2.5 Gbps
V=600 mV diff
1
0.33
UIP-P
Eye Opening Width (T) @ 2.5 Gbps
V=600 mV diff
1
0.10
UIP-P
1. With PRBS 2^7-1 data pattern, 10 MHz sinusoidal jitter, all channels operating, FPGA logic active, REFCLK jitter
of 30 ps., TA = 0
oC to 85oC, 1.425 V to 1.575 V supply.
H
V
1.2 V
UI
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com