Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 188 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 188 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 184Page - Lattice Semiconductor ORSPI4 Datasheet HTML 185Page - Lattice Semiconductor ORSPI4 Datasheet HTML 186Page - Lattice Semiconductor ORSPI4 Datasheet HTML 187Page - Lattice Semiconductor ORSPI4 Datasheet HTML 188Page - Lattice Semiconductor ORSPI4 Datasheet HTML 189Page - Lattice Semiconductor ORSPI4 Datasheet HTML 190Page - Lattice Semiconductor ORSPI4 Datasheet HTML 191Page - Lattice Semiconductor ORSPI4 Datasheet HTML 192Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
188
SERDES External Reference Clock
The external reference clock selection and its interface are a critical part of system applications for this product.
Table 71 specifies reference clock requirements, over the full range of operating conditions. The designer is
encourage to read TN1040,
SERDES Reference Clock, which discusses various aspects of this system element
and its interconnection.
Table 71. Reference Clock Specifications (REFCLKP and REFCLKN)
SERDES Core Timing Characteristics
Table 72 summarizes the end-to-end latencies through the embedded core for the various modes. All latencies are
given in clock cycles for system clocks at half the REFCLK_[A:B] frequency. For a REFCLK_[A:B] of 156.25 MHz, a
system clock cycle is 6.4 ns.
Table 72. Signal Latencies, Embedded Core
Parameter
Min.
Typ.
Max.
Units
Frequency Range
60
—
185
MHz
Frequency Tolerance
1
-350
—
350
ppm
Duty Cycle (Measured at 50% Amplitude Point)
40
50
60
%
Rise Time
—
500
1000
ps
Fall Time
—
500
1000
ps
P–N Input Skew
—
—
75
ps
Differential Amplitude
500
800
2 x VDDIB
mVp-p
Common Mode Level
Vsingle-ended/2
0.75
VDD15 – (Vsingle-ended/2)V
Single-Ended Amplitude
250
400
VDDIB
mVp-p
Input Capacitance (at REFCLKP)
—
—
5
pF
Input Capacitance (at RECLKN)
—
—
5
pF
1. This specification indicates the capability of the high-speed receiver CDR PLL to acquire lock when the reference clock frequency and
incoming data rate are not synchronized.
Operating Mode
Signal Latency (max.)
Transmit Path
5 clock cycles
Receive Path
Multi-Channel Alignment Bypassed
1
4.5 clock cycles
With Multi-Channel Alignment
1
13.5-22.5 clock cycles
1. With multi-channel alignment, the latency is largest when the skew between channels is at the maximum that can be correctly
compensated for (18 clock cycles). The latency specified in the table is for data from the channel received first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com