Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 184 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 184 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 180Page - Lattice Semiconductor ORSPI4 Datasheet HTML 181Page - Lattice Semiconductor ORSPI4 Datasheet HTML 182Page - Lattice Semiconductor ORSPI4 Datasheet HTML 183Page - Lattice Semiconductor ORSPI4 Datasheet HTML 184Page - Lattice Semiconductor ORSPI4 Datasheet HTML 185Page - Lattice Semiconductor ORSPI4 Datasheet HTML 186Page - Lattice Semiconductor ORSPI4 Datasheet HTML 187Page - Lattice Semiconductor ORSPI4 Datasheet HTML 188Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
184
Figure 96. Status Channel Reference Points with Respect to Clock Edge (Edge Aligned Legacy Mode)
Table 64. Status Path Interface ORSPI4 Timing in Legacy Mode
Note: This table compares the OIF Specification requirements vs. the ORSPI4 Specification. There is no OIF Specification for LVDS buffers.
ORSPI4 Timing in
Legacy Mode
Symbol
Description
Min
Max
Units
fD
TDCLK/RDCLK frequency
450
MHz
fS
TSCLK/RSCLK frequency
112.5
MHz
—
TSCLK/RSCLK duty cycle
40
60
%
tdia
Data invalid window with respect to clock edge
(Reference point C)
—
0.3
ns
tdib
Data invalid window with respect to clock edge
(Reference point C)
—
0.45
ns
tS*
Setup time for TSTAT with respect to TSCLK -
LVTTL Buffers (Reference point D)
0.5
—
ns
Setup time for TSTAT with respect to TSCLK -
LVDS Buffers (Reference point D)
0.7
—
ns
tH*
Hold time for TSTAT with respect to TSCLK -
LVTTL Buffers (Reference point D)
1.2
—
ns
Hold time for TSTAT with respect to TSCLK -
LVDS Buffers (Reference point D)
1.0
—
ns
RSCLK
RSTAT
(C)
Launch Edge
T
dia
T
dib
(D)
Capture Edge
t
s
t
h
TSCLK
TSTAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com