Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 179 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 179 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 175Page - Lattice Semiconductor ORSPI4 Datasheet HTML 176Page - Lattice Semiconductor ORSPI4 Datasheet HTML 177Page - Lattice Semiconductor ORSPI4 Datasheet HTML 178Page - Lattice Semiconductor ORSPI4 Datasheet HTML 179Page - Lattice Semiconductor ORSPI4 Datasheet HTML 180Page - Lattice Semiconductor ORSPI4 Datasheet HTML 181Page - Lattice Semiconductor ORSPI4 Datasheet HTML 182Page - Lattice Semiconductor ORSPI4 Datasheet HTML 183Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
179
Table 59. SPI4.2 Transmit Data Interface Timing
Figure 92 defines the timing parameters ts and th which show the setup and hold requirements at the ORSPI4
receive interface when in static mode, which are dependent on the SPI_DLYTAP register settings chosen. Values of
ts and th at all values of SPI_DLYTAP are given in Table 60.
Figure 92. SPI4.2 Receive Timing Points with Respect to Clock Edge
Symbol
Description
Min
Max
Units
tdia
ORSPI4 transmit data (TDAT[15:0], TCTL) invalid
window before clock edge (Source A)
—0
ps
tdib
ORSPI4 transmit data (TDAT[15:0], TCTL) invalid
window after clock edge (Source A)
—
400
ps
DTDCLK
TDCLK duty cycle
45%
55%
TDCLK Period
RDCLK
RDAT
(B)
Capture Edge
t
S
t
H
SPI_DLYTAP_A,B[2:0]=0
SPI_DLYTAP_A,B[2:0]=4
SPI_DLYTAP_A,B[2:0]=7
t
S
t
S
t
H
t
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com