Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 176 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 176 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 172Page - Lattice Semiconductor ORSPI4 Datasheet HTML 173Page - Lattice Semiconductor ORSPI4 Datasheet HTML 174Page - Lattice Semiconductor ORSPI4 Datasheet HTML 175Page - Lattice Semiconductor ORSPI4 Datasheet HTML 176Page - Lattice Semiconductor ORSPI4 Datasheet HTML 177Page - Lattice Semiconductor ORSPI4 Datasheet HTML 178Page - Lattice Semiconductor ORSPI4 Datasheet HTML 179Page - Lattice Semiconductor ORSPI4 Datasheet HTML 180Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
176
SPI4 Electrical and Timing Characteristics
SPI4 LVDS I/O
Table 54. Driver DC Data*
Table 55. Receiver DC Data
1
Table 56. SPI4 LVDS Operating Parameters
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage High, VOA or VOB
VOH
RLOAD = 100
Ω ± 1%
—
—
1.475
†
V
Output Voltage Low, VOA or VOB
VOL
RLOAD = 100
Ω ± 1%
0.925
†
——
V
Output Differential Voltage
⏐VOD⏐
RLOAD = 100
Ω ± 1%
0.25
—
0.45
†
V
Output Offset Voltage
VOS
RLOAD = 100
Ω ± 1%
1.125*
—
1.275
†
V
Output Impedance, Differential
Ro
VCM = 1.0 V and 1.4 V
80
100
120
W
RO Mismatch Between A and B
Δ RO
VCM = 1.0 V and 1.4 V
—
—
10
%
Change in Differential Voltage Between
Complementary States
⏐Δ VOD⏐
RLOAD = 100
Ω ± 1%
—
—
25
mV
Change in Output Offset Voltage
Between Complementary States
Δ VOS
RLOAD = 100
Ω ± 1%
—
—
25
mV
Output Current
ISA, ISB
Driver shorted to GND
—
—
24
mA
Output Current
ISAB
Drivers shorted together
—
—
12
mA
Power-off Output Leakage
|Ixa|, |Ixb|
VDD = 0 V
VPAD, VPADN = 0 V—2.5 V
—
—
10
mA
1. VDD33 = 3.1 V—3.5 V, VDD15 = 1.4 V—1.6 V, –40 ˚C.
2. External reference, REF10 = 1.0 V ± 3%, REF14 = 1.4 V ± 3%.
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Voltage Range, VIA or VIB
VI
⏐VGPD⏐ < 925 mV
DC – 1 MHz
0.0
1.2
2.4
V
Input Differential Threshold
VIDTH
⏐VGPD⏐ < 925 mV
450 MHz
–100
—
100
mV
Input Differential Hysteresis
VHYST
(+VIDTHH) – (–VIDTHL)25
—
—
mV
Receiver Differential Input Impedance
RIN
With build-in termination,
center-tapped
80
100
120
Ω
1. VDD = 3.1V - 3.5V, 0 °C -125 °C.
Parameter
Test Conditions
Min.
Normal
Max.
Units
Transmit Termination Resistor
—
80
100
120
Ω.
Receiver Termination Resistor
—
80
100
120
Ω.
Note: Under worst-case operating conditions, the LVDS driver will withstand a disabled or unpowered receiver for an unlimited period of time
without being damaged. Similarly, when outputs are short-circuited to each other or to ground, the LVDS will not suffer permanent damage.
The LVDS driver supports hot insertion. Under a well-controlled environment, the LVDS I/O can drive backplane as well as cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com