Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 174 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 174 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 170Page - Lattice Semiconductor ORSPI4 Datasheet HTML 171Page - Lattice Semiconductor ORSPI4 Datasheet HTML 172Page - Lattice Semiconductor ORSPI4 Datasheet HTML 173Page - Lattice Semiconductor ORSPI4 Datasheet HTML 174Page - Lattice Semiconductor ORSPI4 Datasheet HTML 175Page - Lattice Semiconductor ORSPI4 Datasheet HTML 176Page - Lattice Semiconductor ORSPI4 Datasheet HTML 177Page - Lattice Semiconductor ORSPI4 Datasheet HTML 178Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
174
ORSPI4 Power Tables
Table 50. ORSPI4 Post-configuration Standby Current
* Conditions: TA = 85°C, VDD15 = 1.575V, VDD33 = 3.6V, VDDIO = 3.6V, internal oscillator running, no output loads, inputs VDDIO or VSS.
Standby current is tested with the embedded core in a powered down state.
Table 51. ORSPI4 Combined SPIA and SPIB Worst Case Power Table
* Power measured with both SPIA and SPIB operating simultaneously. AC power only. Power numbers do not include post-configuration
standby current (see Table 50). FPGA power not included. FPGA power is application dependent – See the ORCA Series 4 Data Sheet to
calculate FPGA power.
Conditions: TA = 85°C, VDD15 = 1.575V, VDD33 = 3.6V, VDDIO = 3.6V.
Table 52. ORSPI4 QDR Memory Controller Worst Case Power Table
Note: In many applications the PLL can be disabled to reduce power.
Temperature: -40
°C to 125°C, Power Supplies: VDD15, VDDH = 1.575V, VDD33 = 3.6V, Data Pattern: PRBS 2^31-1
Parameter
Clock Frequency
Unit
VDD15*
VDD33*
VDDH
Post-configuration
Standby Current
500
300
200
mA
Parameter
Reference
Clock
Frequency
VDD15
VDDA_SPI[A:D]
Power*
VDD33
Power*
Power per SPI
Interface*
Unit
450 MHz (900 Mbps) with Dynamic Alignment
Frequency
112.5 MHz
Total
0.887
0.518
1.405
W
325 MHz (650 Mbps) with Static Alignment
Frequency
81.25 MHz
Total
0.570
0.486
1.056
W
311 MHz (622 Mbps) with Static Alignment
Frequency
77.75 MHz
Total
0.513
0.493
1.006
W
100 MHz (200 Mbps) Quarter Rate
Frequency
200 MHz
Total
0.082
0.436
0.518
W
78 MHz (156 Mbps) Quarter Rate
Frequency
156 MHz
Total
0.017
0.407
0.424
W
Parameter
Value
Unit
Clock Frequency
160
MHz
VDD15, VDDH Power
226.8
mW
VDD33 Power
46.8
mW
Total Power
273.6
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com