Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 166 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 166 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 162Page - Lattice Semiconductor ORSPI4 Datasheet HTML 163Page - Lattice Semiconductor ORSPI4 Datasheet HTML 164Page - Lattice Semiconductor ORSPI4 Datasheet HTML 165Page - Lattice Semiconductor ORSPI4 Datasheet HTML 166Page - Lattice Semiconductor ORSPI4 Datasheet HTML 167Page - Lattice Semiconductor ORSPI4 Datasheet HTML 168Page - Lattice Semiconductor ORSPI4 Datasheet HTML 169Page - Lattice Semiconductor ORSPI4 Datasheet HTML 170Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
166
30941 A
30A41 B
[0:7]
TX_ALPHA (byte a)
00
Number of times training sequence needs to be repeated every
TX_DATA_MAX_T cycles. The number is formed from 2 TX_ALPHA bytes,
in the order {a,b}.
30942 A
30A42 B
[0:7]
TX_ALPHA (byte b)
00
Number of times training sequence needs to be repeated every
TX_DATA_MAX_T cycles. The number is formed from 2 TX_ALPHA bytes,
in the order {a,b}.
30943 A
30A43 B
[0:3]
TX_DPRAM_FIFO_O
VERRUN_INT_EN
00
These bits act as enables for the status flags and the interrupts regarding an
overrun of the 4 TX DPRAM FIFO banks.
[4:7]
TX_DPRAM_FIFO_U
RRUN_INT_EN
00
These bits act as enables for the status flags and the interrupts regarding an
underrun of the 4 TX DPRAM FIFO banks.
30944 A
30A44 B
[0:4]
Reserved
[5:7]
TX_DIP2_ERR_TH
00
Number of consecutive bad/good DIP-2 code words for SPI4 TX to lose/gain
alignment. Loss of alignment is indicated by TX_STATUS_LOF_STS
30945 A
30A45 B
[0:2]
TX_FIFO_THRESHO
LD_L
00
Low watermark threshold for sync input FIFO within TDP. This is used only if
MIN_BURST_MODE is set. Depending on the number of lines in a burst,
this threshold should be set to integer[(BURST_VAL/4) + 1]
[3:7]
TX_FIFO_THRESHO
LD_H
High watermark threshold for async FIFO within TDP to declare a full condi-
tion. This causes writes to the TDP to be held off; meaning that an overrun
condition can not occur here.
SPI4 Core RX/TX Spare Controls (Read and Write)
30946 A
30A46 B
[0:7]
Reserved
00
30908 A
30A08 B
[0:7]
Reserved
00
SPI4 Core Status Registers (Read Only)
30909 A
30A09 B
[0:7]
Reserved
3090A A
30A0A B
[0:7]
RX_DIP4_ERR_CNT 00
Count of DIP4 errors. Count will reset to “0” on a read of this register. If
count reaches maximum (255) it will hold.
3090B A
30A0B B
[0:7]
TX_DIP2_ERR_CNT 00
Count of status framing errors. See SIP2_ERR_STS. Count will reset to “0”
after a read of this register. If count reaches maximum (255) it will hold.
3090C A
30A0C B
[0:7]
RX_DPRAM_0_FIFO
_OVERRUN_STS
00
Overrun status of bank 0 DPRAM FIFOs 0 to 7. These are enabled by
RX_DPRAM_FIFO_OVERRUN_INT_EN[0] (register 30912[A], 30A12[B]).
These bits clear when read, but will set immediately if the error condition
persists.
3090D A
30A0D B
[0:7]
RX_DPRAM_1_FIFO
_OVERRUN_STS
00
Overrun status of bank 1 DPRAM FIFOs 0 to 7. These are enabled by
RX_DPRAM_FIFO_OVERRUN_INT_EN[1] (register 30912[A], 30A12[B]).
These bits clear when read, but will set immediately if the error condition
persists.
3090E A
30A0E B
[0:7]
RX_DPRAM_2_FIFO
_OVERRUN_STS
00
Overrun status of bank 2 DPRAM FIFOs 0 to 7. These are enabled by
RX_DPRAM_FIFO_OVERRUN_INT_EN[2] (register 30912[A], 30A12[B]).
These bits clear when read, but will set immediately if the error condition
persists.
3090F A
30A0F B
[0:7]
RX_DPRAM_3_FIFO
_OVERRUN_STS
00
Overrun status of bank 3 DPRAM FIFOs 0 to 7. These are enabled by
RX_DPRAM_FIFO_OVERRUN_INT_EN[3] (register 30912[A], 30A12[B]).
These bits clear when read, but will set immediately if the error condition
persists.
30918 A
30A18 B
[0:7]
RX_DPRAM_0_FIFO
_URRUN_STS
00
Underrun status of bank 0 DPRAM FIFOs 0 to 7. These are enabled by
RX_DPRAM_FIFO_URRUN_INT_EN[0] (register 30912[A], 30A12[B]).
These bits clear when read, but will set immediately if the condition persists.
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com