Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 165 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 165 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 161Page - Lattice Semiconductor ORSPI4 Datasheet HTML 162Page - Lattice Semiconductor ORSPI4 Datasheet HTML 163Page - Lattice Semiconductor ORSPI4 Datasheet HTML 164Page - Lattice Semiconductor ORSPI4 Datasheet HTML 165Page - Lattice Semiconductor ORSPI4 Datasheet HTML 166Page - Lattice Semiconductor ORSPI4 Datasheet HTML 167Page - Lattice Semiconductor ORSPI4 Datasheet HTML 168Page - Lattice Semiconductor ORSPI4 Datasheet HTML 169Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
165
30925 A
30A25 B
[0:5]
Reserved
[6:7]
TX_CAL_LEN_SHD
00
Shadow calendar length for the transmit status frame of SPI4. Upper 2 bits
30926
30A26
[0:7]
TX_CAL_LEN_SHD
Shadow calendar length for the transmit status frame of SPI4. Lower 8 bits
30927 A
30A27 B
[0:1]
TX_DPRAM_0_NUM
FIFO
00
Number of virtual FIFOs in TX DPRAM bank 0
00 = >1 FIFO
01 = >2 FIFOs
10 = >4 FIFOs
11 = >8 FIFOs
[2:3]
TX_DPRAM_1_NUM
FIFO
Number of virtual FIFOs in TX DPRAM bank 1
[4:5]
TX_DPRAM_2_NUM
FIFO
Number of virtual FIFOs in TX DPRAM bank 2
[6:7]
TX_DPRAM_3_NUM
FIFO
Number of virtual FIFOs in TX DPRAM bank 3
30930 A
30A30 B
[0:1]
TX_DPRAM_0_AGG
R_MODE
00
TX bank 0 aggregation mode
00 = 32 bit data
01 = 64-bit data
10 = 128-bit data
11 = not valid
[2:3]
TX_DPRAM_1_AGG
R_MODE
TX bank 1 aggregation mode
[4:5]
TX_DPRAM_2_AGG
R_MODE
TX bank 2 aggregation mode
[6:7]
TX_DPRAM_3_AGG
R_MODE
TX bank 3 aggregation mode
30931 A
30A31 B
[0:5]
Reserved
[6:7]
TX_MAX_BURST1
00
Maximum number of 16-byte bursts expected for any port when its status is
STARVING. These are the 2 most significant bits of a 10-bit number
30932 A
30A32
[0:7]
TX_MAX_BURST1
00
Maximum number of 16-byte bursts expected for any port when its status is
STARVING. These are the 8 least significant bits of a 10-bit number
30933 A
30A33 B
[0:5]
Reserved
[6:7]
TX_MAX_BURST2
Maximum number of 16-byte bursts expected for any port when its status is
HUNGRY. These are the 2 most significant bits of a 10-bit number
30934 A
30A34 B
[0:7]
TX_MAX_BURST2
00
Maximum number of 16-byte bursts expected for any port when its status is
HUNGRY. These are the 8 least significant bits of a 10-bit number
30935 A
30A35 B
[0:7]
TX_DATA_MAX_T
(byte a)
00
Maximum interval between training sequences on the transmit data inter-
face. A 32-bit number is formed from 4 bytes organized as {a, b, c, d} and
read left to right. When this number is “0”, training sequences are disabled.
30936 A
30A36 B
[0:7]
TX_DATA_MAX_T
(byte b)
00
Maximum interval between training sequences on the transmit data inter-
face. A 32-bit number is formed from 4 bytes organized as {a, b, c, d} and
read left to right. When this number is “0”, training sequences are disabled.
30937 A
30A37 B
[0:7]
TX_DATA_MAX_T
(byte c)
00
Maximum interval between training sequences on the transmit data inter-
face. A 32-bit number is formed from 4 bytes organized as {a, b, c, d} and
read left to right. When this number is “0”, training sequences are disabled.
30940 A
30A40 B
[0:7]
TX_DATA_MAX_T
(byte d)
00
Maximum interval between training sequences on the transmit data inter-
face. A 32-bit number is formed from 4 bytes organized as {a, b, c, d} and
read left to right. When this number is "0", training sequences are disabled.
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com