Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 161 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 161 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 157Page - Lattice Semiconductor ORSPI4 Datasheet HTML 158Page - Lattice Semiconductor ORSPI4 Datasheet HTML 159Page - Lattice Semiconductor ORSPI4 Datasheet HTML 160Page - Lattice Semiconductor ORSPI4 Datasheet HTML 161Page - Lattice Semiconductor ORSPI4 Datasheet HTML 162Page - Lattice Semiconductor ORSPI4 Datasheet HTML 163Page - Lattice Semiconductor ORSPI4 Datasheet HTML 164Page - Lattice Semiconductor ORSPI4 Datasheet HTML 165Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
161
30805
[0]A
[1]B
[2]C
[3]D
DEMUXWAS[A:D]
00
Status of Word Alignment. When DEMUX_WAS[A:D] = “1”, word alignment
is achieved for Channel x.
DEMUX_WAS[A:D]= “0” on device reset.
[4]A
[5]B
[6]C
[7]D
CH248_SYNC[A:D]
Status of Channel Alignment. When CH248_SYNC[A:D] = ”1”, multi-channel
alignment is achieved for Channel x.
CH248_SYNC[A:D]= “0” on device reset.
30814
[0:2]
Reserved
[3]A&B
[4]C&
D
SYNC2[1:2]OOSL
Multi-Channel Out-Of-Sync Status. When SYNC2[1:2] OOS= “1”, dual-chan-
nel synchronization has failed.
SYNC2[1:2] OOS on device reset.
[5]
SYNC4OOS
Multi-Channel Out-Of-Sync Status. When SYNC4_OOS= “1”, quad-channel
synchronization has failed.
SYNC4_OOS= “0” on device reset.
[6:7]
Reserved
SPI4 Core RX Control Registers (Read and Write)
30900 A
30A00 B
[0:7]
RX_CAL_M_MAIN
00
Number of times calendar sequence is repeated between insertions of fram-
ing pattern (RX SPI4, main)
30901 A
30A01 B
[0:5]
Reserved
[6:7]
RX_CAL_LEN_MAIN 00
Length of calendar sequence on the RX status frame (SPI4, main)
This is the most significant 2 bits of 10 total.
30902 A
30A02 B
[0:7]
RX_CAL_LEN_MAIN 00
Length of calendar sequence on the RX status frame (SPI4, main).
This is the least significant 8 bits of 10 total
30903 A
30A03 B
[0:7]
RX_CAL_M_SHD
00
Number of times shadow calendar sequence is repeated between insertions
of framing pattern for the RX side of SPI4.
30904 A
30A04 B
[0:5]
Reserved
[6:7]
RX_CAL_LEN_SHD
00
Shadow calendar length for the RX status frame of SPI4.
Upper 2 bits.
30905 A
30A05
[0:7]
RX_CAL_LEN_SHD
00
Shadow calendar length for the RX status frame of SPI4.
Lower 8 bits.
30906 A
30A06 B
[0:1]
RX_DPRAM_0_NUM
FIFO
00
Number of virtual FIFOs in RX DPRAM bank 0
00 = 1 FIFO
01 = 2 FIFOs
10 = 4 FIFOs
11 = 8 FIFOs
[2:3]
RX_DPRAM_1_NUM
FIFO
Number of virtual FIFOs in RX DPRAM bank 1
[4:5]
RX_DPRAM_2_NUM
FIFO
Number of virtual FIFOs in RX DPRAM bank 2
[6:7]
RX_DPRAM_3_NUM
FIFO
Number of virtual FIFOs in RX DPRAM bank 3
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com