Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 158 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 158 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 154Page - Lattice Semiconductor ORSPI4 Datasheet HTML 155Page - Lattice Semiconductor ORSPI4 Datasheet HTML 156Page - Lattice Semiconductor ORSPI4 Datasheet HTML 157Page - Lattice Semiconductor ORSPI4 Datasheet HTML 158Page - Lattice Semiconductor ORSPI4 Datasheet HTML 159Page - Lattice Semiconductor ORSPI4 Datasheet HTML 160Page - Lattice Semiconductor ORSPI4 Datasheet HTML 161Page - Lattice Semiconductor ORSPI4 Datasheet HTML 162Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
158
SERDES Common Transmit and Receive Channel Configuration Registers (Read/Write), x = [A, ...,D]
30004
30014
30024
30034
[0]
Reserved
40
Reserved. Must be set to “0”
Set to “0” on device reset.
[1]
MASK_x
Transmit and Receive Alarm Mask Bit, Channel x. When MASK_x = “1”, the
transmit and receive alarms of a channel are prevented from generating an
interrupt (i.e., they are masked or disabled). The MASK_x bit overrides the
individual alarm mask bits in the Alarm Mask Registers.
MASK_x = “1” on device reset.
[2]
SWRST_x
Transmit and Receive Software Reset Bit, Channel x. When SWRST_x =
“1”, this bit provides the same function as the hardware reset, except that all
configuration register settings are unaltered. This is not a self-clearing bit.
Once set, this bit must be manually set and cleared.
SWRST_x = “0” on device reset.
[3:6]
Reserved
[7]
TESTEN_x
Transmit and Receive Test Enable Bit, Channel x. When TESTEN_x = “1”,
the transmit and receive sections are placed in test mode. The Test-
Mode[4:0] bits in the Global Control Registers specify the particular test,
and must also be set.
NOTE: When the global test enable bit GTESTEN = “0”, the individual chan-
nel test enable bits are used to selectively place a channel in test or normal
mode. When GTESTEN = “1”, all channels are set to test mode regardless
of their TESTEN setting
TESTEN_x = “0” on device reset.
SERDES Global Control Registers (Read/Write) Acts on all four Channels in SERDES Quad A or SERDES Quad B.
30005
[0]
Reserved
44
Reserved
Set to “0” on device reset.
[1]
GMASK
Global Mask. When GMASK = “1”, the transmit and receive alarms of all
channel in the SERDES quad are prevented from generating an interrupt
(i.e., they are masked or disabled). The GMASK bit overrides the individual
MASK_x bits. GMASK = “1” on device reset.
[2]
GSWRST
Software reset bit. The GSWRST bit provides the same function as the
hardware reset for the transmit and receive sections of all four channels,
except that the device configuration settings are not affected when
GSWRST is asserted. This is not a self-clearing bit. Once set, this bit must
be manually set and cleared. The GSWRST bit overrides the individual
SWRST_x bits.
GSWRST = “0” on device reset.
[3]
GPWRDNT
Powerdown Transmit Function. When GPWRDNT = “1”, sections of the
transmit hardware for all four channels of are powered down to conserve
power. The GPWRDNT bit overrides the individual PWRDNT_x bits.
GPWRDNT= “0” on device reset.
[4]
GPWRDNR
Powerdown Receive Function. When GPWRDNR = “1”, sections of the
receive hardware for all four channels are powered down to conserve power.
The GPWRDNR bit overrides the individual PWRDNR_x bits.
GPWRDNR = “0” on device reset.
[5]
Reserved
Reserved, “1” on device reset.
[6]
Reserved
[7]
GTESTEN
Test Enable Control. When GTESTEN = “1”, the transmit and receive sec-
tions of all four channels are placed in test mode. The GTESTEN bit over-
rides the individual TESTEN_x bits. GTESTEN = “0” on device reset.
30006
[0:4]
TestMode
00
TestMode - See Test Mode section for settings
[5:7]
Reserved
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com