Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 160 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 160 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 156Page - Lattice Semiconductor ORSPI4 Datasheet HTML 157Page - Lattice Semiconductor ORSPI4 Datasheet HTML 158Page - Lattice Semiconductor ORSPI4 Datasheet HTML 159Page - Lattice Semiconductor ORSPI4 Datasheet HTML 160Page - Lattice Semiconductor ORSPI4 Datasheet HTML 161Page - Lattice Semiconductor ORSPI4 Datasheet HTML 162Page - Lattice Semiconductor ORSPI4 Datasheet HTML 163Page - Lattice Semiconductor ORSPI4 Datasheet HTML 164Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
160
30821
[0]
NOCHALGN
Bypass channel alignment. NOCHALGN =1 causes bypassing of multi-
channel alignment FIFOs for the corresponding SERDES quad.
NOCHALGN = “0” on device reset.
[1:3]
Reserved
[4:5]
RCKSEL[0:1]
00
Source for RCK78 (00=A, 10=B, 01=C, 11=D)
[6:7]
TCKSEL[0:1]
00
Source for TCK78 (00=A, 10=B, 01=C, 11=D)
30830
[0:3]
Reserved
[4]
SCHAR_ENA
00
Set this to 1 to enable characterization mode for the SERDES. Character-
ization mode also requires inputs TESTMD[1:0]N=00, and FPGA interface
pin, ENABLE_SPI4_B = “0”.
The outputs for the SERDES can be observed at the following ports:
TBC311
→ PMID20
CV
→ PMID21
BYTSYNC
→ PMID22
WDSYNC
→ PMID23
RBCO
→ PMID24
RBC1
→ PMID25
LDOUT9
→ PMID26
LDOUT8
→ PMID 27
LDOUT7
→ PMID28
LDOUT6
→ PMID29
LDOUT5
→ PMID30
LDOUT4
→ PMID31
LDOUT3
→ PMID32
LDOUT2
→ PMID33
LDOUT1
→ PMID34
LDOUT0
→ PMID35
[5]
SCHAR_TXSEL
Set this to 1 to enable driving of low speed TX ports of the SERDES during
characterization mode. The inputs used During this mode are:
TBC
← PMIA15
LDIN9
← PMIA14
LDIN8
← PMIA13
LDIN7
← PMIA11
LDIN6
← PMIA9
LDIN5
← PMAI8
LDIN4
← PMIA7
LDIN3
← PMIA6
LDIN2
← PMIA5
LDIN1
← PMIA4
LDIN0
← PMIA2
[6:7]
SCHAR_CHAN
Selects the channel to observe and control during SERDES characterization
mode:
00 = A
01 = B
10 = C
11 = D
Status Registers (Read Only), x = [A, ...,D]
30804
[0:1]A
[2:3]B
[4:5]C
[6:7]D
XAUISTAT[A:D][0:1]
00
XAUI Status Register. Status of XAUI link state machine for Channel x
00—No synchronization.
01—No comma (see XAUI state machine) and at least 1 cell value detected
10—Synchronization done.
11—Not used.
XAUISTAT_x[0:1] = 00 on device reset.
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com