Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 162 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 162 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 158Page - Lattice Semiconductor ORSPI4 Datasheet HTML 159Page - Lattice Semiconductor ORSPI4 Datasheet HTML 160Page - Lattice Semiconductor ORSPI4 Datasheet HTML 161Page - Lattice Semiconductor ORSPI4 Datasheet HTML 162Page - Lattice Semiconductor ORSPI4 Datasheet HTML 163Page - Lattice Semiconductor ORSPI4 Datasheet HTML 164Page - Lattice Semiconductor ORSPI4 Datasheet HTML 165Page - Lattice Semiconductor ORSPI4 Datasheet HTML 166Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
162
30907 A
30A07 B
[0:1]
RX_DPRAM_0_AGG
R_MODE
00
RX bank 0 aggregation mode
00 = 32 bit data
01 = 64 bit data
10 = 128 bit data
11 = not valid
[2:3]
RX_DPRAM_1_AGG
R_MODE
RX bank 1 aggregation mode
[4:5]
RX_DPRAM_2_AGG
R_MODE
RX bank 2 aggregation mode
[6:7]
RX_DPRAM_3_AGG
R_MODE
RX bank 3 aggregation mode
30910 A
30A10 B
[0]
Reserved
[1:3]
RX_DIP4_ERR_TH
00
Number of consecutive bad/good DIP-4 code words for SPI4 RX to
lose/gain alignment. Loss of alignment is indicated by RX_ALGN_OFF_STS
[4]
RX_DISABLE_STAT
US
Causes 11 word to be sent on RX status frame. In turn causes far-end TX to
cancel all credits and send a training pattern.
[5]
RX_MASK_DIP4
Allows SPI4 link to be used in presence of errors on data input.
[6]
RX_EN_TRAINING
Enable detection of training patterns on the RX side.
[7]
RX_EN_BASELINE
Enable RX baseline process
30911 A
30A11 B
[0:7]
RX_FIFO_THRESHO
LD_H
00
High watermark threshold for async FIFO within RDP.
30912 A
30A12 B
[0:3]
RX_DPRAM_FIFO_
OVERRUN_INT_EN
00
These bits act as an enable for the status flags and the interrupts regarding
overrun of the 4 RX DPRAM FIFO banks.
[4:7]
RX_DPRAM_FIFO_U
RRUN_INT_EN
These bits act as an enable for the status flags and the interrupts regarding
underrun of the 4 RX DPRAM FIFO banks.
30913 A
30A13 B
[0]
RX_PLL_LOL_INT_E
N
00
This bit enables the status flag and the interrupt regarding loss of lock in the
SPI4 core (high-speed macrocell) PLL.
See RX_PLL_LOL_STS in register 3091C[A], 3091C[B].
[1]
RX_BAS_DONE_INT
_EN
This bit enables the status flag and the interrupt for the SPI4 core when RDI
completes the baselining process. Baselining is the self-alignment power-up
process that the macro does after it detects lock of the PLL.
See RX_BAS_DONE_STS in register 3091C[A], 3091C[B].
[2]
RX_BAS_ERR_INT_
EN
This bit enables the status flag and the interrupt for the SPI4 core when RDI
fails its internal self-alignment process.
See RX_BAS_ERR_STS in register 3091C[A], 3091C[B].
[3]
RX_DSKW_DONE_I
NT_EN
This bit enables the status flag and the interrupt for the SPI4 core when RDI
completes its dynamic alignment process.
See RX_DSKW_DONE_STS in register 3091C[A], 3091C[B].
[4]
RX_DSKW_ERR_IN
T_EN
This bit enables the status flag and the interrupt for the SPI4 core when RDI
fails to dynamically align.
See RX_DSKW_ERR_STS in register 3091C[A], 3091C[B].
[5]
RX_TRN_DET_INT_
EN
This bit enables the status flag and the interrupt for the SPI4 core when RDI
detects training patterns.
See RX_TRN_DET_STS in register 3091C[A], 3091C[B].
[6]
RX_ALGN_OFF_INT
_EN
This bit enables the status flag and the interrupt for the SPI4 core loss of RX
alignment due to excess consecutive DIP4 errors.
See RX_ALGN_OFF_STS in register 3091C[A], 3091C[B].
[7]
TX_STATUS_LOF_IN
T_EN
This bit enables the status flag and the interrupt for the SPI4 core TX status
from having too many consecutive DIP2 errors.
See TX_STATUS_LOF_STS
Table 47. Memory Map (Continued)
(0x)
Abso-
lute
Address
Bit
Name
Reset
Value
(0x)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com