Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 58Page - STMicroelectronics STA310 Datasheet HTML 59Page - STMicroelectronics STA310 Datasheet HTML 60Page - STMicroelectronics STA310 Datasheet HTML 61Page - STMicroelectronics STA310 Datasheet HTML 62Page - STMicroelectronics STA310 Datasheet HTML 63Page - STMicroelectronics STA310 Datasheet HTML 64Page - STMicroelectronics STA310 Datasheet HTML 65Page - STMicroelectronics STA310 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
STA310
62/90
Downsampling filter
Address: 0x70
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
This register controls the downsampling filter for the
LPCM video, LPCM audio modes. When decoding a
96kHz DVD-LPCM stream, it might be necessary to
downsample the stream to 48kHz
.
9.15 Bass redirection registers
VOLUME0
Volume of first channel
Address: 0x4E
Type: RWS
Software Reset: 0
Hardware Reset: UND
Description:
This register reads or writes the attenuation that is
applied to the channel selected by CHAN_IDX. The
volume of the left channel can be set up with a 0.5dB
step.
s
If CHAN_IDX = 0, then VOLUME0 can be
written with the attenuation that will be applied
to Left channel.
s
If CHAN_IDX = 1, then VOLUME0 can be
written with the attenuation that will be applied
to Center channel.
s
If CHAN_IDX = 2, then VOLUME0 can be
written with the attenuation that will be applied
to Left Surround channel.
s
If CHAN_IDX = 5, then reading VOLUME0
provides the attenuation that is applied to Left
channel.
s
If CHAN_IDX = 6, then reading VOLUME0
provides the attenuation that is applied to
Center channel.
s
If CHAN_IDX = 7, then reading VOLUME0
provides the attenuation that is applied to Left
Surround channel.
s
Other values of CHAN_IDX are reserved.
VOLUME1
Volume of second channel
Address: 0x63
Type: RWS
Software Reset: 0
Hardware Reset: UND
Description:
This register reads or writes the attenuation that is
applied to the channel selected by CHAN_IDX. The
volume of the right channel can be set up with a
0.5dB step.
s
If CHAN_IDX = 0, then VOLUME1 can be
written with the attenuation that will be applied
to Right channel.
s
If CHAN_IDX = 1, then VOLUME1 can be
written with the attenuation that will be applied
to Subwoofer channel.
s
If CHAN_IDX = 2, then VOLUME1 can be
written with the attenuation that will be applied
to Right Surround channel.
s
If CHAN_IDX = 5, then reading VOLUME1
provides the attenuation that is applied to Right
channel.
s
If CHAN_IDX = 6, then reading VOLUME1
provides the attenuation that is applied to
Subwoofer channel.
s
If CHAN_IDX = 7, then reading VOLUME1
provides the attenuation that is applied to Right
Surround channel.
s
Other values of CHAN_IDX are reserved.
7654321
0
Value
Mode
0
Automatic (according to bitstream)
1
Force Downsampling
2
Suppress Downsampling
7654321
0
AVol0
765
4321
0
AVol1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com