Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 82Page - STMicroelectronics STA310 Datasheet HTML 83Page - STMicroelectronics STA310 Datasheet HTML 84Page - STMicroelectronics STA310 Datasheet HTML 85Page - STMicroelectronics STA310 Datasheet HTML 86Page - STMicroelectronics STA310 Datasheet HTML 87Page - STMicroelectronics STA310 Datasheet HTML 88Page - STMicroelectronics STA310 Datasheet HTML 89Page - STMicroelectronics STA310 Datasheet HTML 90Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
STA310
88/90
A.2 Description of the architecture
The MMDSP+ DSP core can access 5 banks of RAM/ROM memories:
- the 32K instruction ROM,
- the 768 words instruction development RAM,
- X_memory 19K x 24 RAM,
- Y_memory 18 K x 24 ROM,
- Y_memory 1K x 24 RAM.
The DSP core can also access some dedicated and general purpose peripherals. These peripherals (called
MMIO peripherals) are mapped as memory locations of the X memory space of the MMDSP+ DSP core. On top
of the front-end dedicated ones, the list of the peripherals is the following:
- Four PCM out
I2S/Sony (16,18,20,24 bits) serial output interfaces are provided to connect, typically,
to external DACs. This interface and the Audio PLL provide the Oversampling clocks and the serial
clocks necessary to interface the DACs .This interface provides up to 8 independent audio channels.
A “DMA PCM” MMIO block makes the link between the X data memory of the DSP core (which can
store the audio samples) and the
I2S/Sony serial interfaces. This MMIO block is a DMA (Direct Mem-
ory Access) and handles automatically the transfer of data by blocks. This peripheral implements also
an hardware mechanism to support delayed channels. Each channel can de delayed (resolution 1
sample) by a programmable number of data samples. This function is totally transparent to the user.
- A 256 x 8 address space is shared between the MMDSP+ core (as MMIO peripheral) and the external
world of the STA310 through the I2C Slave interface or the Host parallel interface. This area is divided
mainly in 2 parts:
a 192 x 8 general purpose RAM area,
a 64 x (1 to 8 bits) area of specific registers.
- The two PLLs (Audio PLL and System PLL) can be controlled by the DSP itself (thru the MMIO bus)
or by the external world of the STA310 (thru the I2C Slave I/F or the Host parallel I/F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com