Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 81Page - STMicroelectronics STA310 Datasheet HTML 82Page - STMicroelectronics STA310 Datasheet HTML 83Page - STMicroelectronics STA310 Datasheet HTML 84Page - STMicroelectronics STA310 Datasheet HTML 85Page - STMicroelectronics STA310 Datasheet HTML 86Page - STMicroelectronics STA310 Datasheet HTML 87Page - STMicroelectronics STA310 Datasheet HTML 88Page - STMicroelectronics STA310 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
85/90
STA310
MLP_STATUS1
MLP status 1 register
Address : 0x77
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This status register contains the channel assignment.
MLP_STATUS2
MLP status 2 register
Address: 0x78
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This status register contains the number of sub-
streams present in the audio frame.
MLP_STATUS3
MLP status 3 register
Address:: 0x79
Type: RO
Software Reset: NC
Hardware Reset: UND
Description:
This status register contains the sub-stream informa-
tion codes..
9.25 De-emphasis register
DEEMPH
De-emphasis
Address: 0xB5
Type: R/WS
Software Reset: NC
Hardware Reset: UND
Description:
This register is used in MPEG, DVD_LPCM or CDDA
modes; it is not supported in Dolby Digital.
In MPEG and DVD_LPCM modes, its register value
is extracted from the bitstream. When the emphasis
status changes (by setting bit DEM of the register),
an interrupt is generated. In CDDA mode, the register
value must be updated by the application.
The de-emphasis filter specified here is applied only
if bit DEM of the register is set.
9.26 Auxilliary outputs registers
VCR_MIX
VCR outputs
7654321
0
Reserved
CH_ASSIGN[4:0]
Bitfield
Description
CH_ASS
IGN[4:0]
This gives the channel assignment:
See "DVD Specifications for Read-Only
Disc", Part 4 AUDIO SPECIFICATIONS,
Version 1.0, March 1999, Table C.1-1.
765
43
2
1
0
Reserved
NSUBSTR[3:0]
765
4321
0
Reserved
SUBSTR_CODE[3:0]
Bitfield
Description
SUBSTR_CODE
[3:0]
2-channel decoder:
bit0 = ’1’: sub-stream 0 is decoded
bit1 = ’1’: a simplified decoder can
be used for sub-stream 0
6-channel decoder:
bit2 = ’1’: sub-stream 0 is decoded
bit3 = ’1’: sub-stream 1 is decoded
7654321
0
reserved
D[1:0]
Bitfield
Description
D[1:0]
00: none, 01: 50/15µs, 10: reserved, 11:
CCITT J.17
7
6
5
4
321
0
reserved
STEREO PRL reserved COPY 3D_VCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com