Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 22Page - STMicroelectronics STA310 Datasheet HTML 23Page - STMicroelectronics STA310 Datasheet HTML 24Page - STMicroelectronics STA310 Datasheet HTML 25Page - STMicroelectronics STA310 Datasheet HTML 26Page - STMicroelectronics STA310 Datasheet HTML 27Page - STMicroelectronics STA310 Datasheet HTML 28Page - STMicroelectronics STA310 Datasheet HTML 29Page - STMicroelectronics STA310 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
STA310
26/90
Figure 14. PCM Output Configurations
5.2 PCM scaling
PCM scaling is needed for every decoding mode (AC3, Pro Logic, MPEG, PCM). It is applied at the end of the
filtering steps before PCM output, allowing maximum effective word width for most of the signal processing be-
fore.
Master volume (PCM_SCALE register) and balances (BAL_LR and BAL_SUR registers) are implemented for
PCM scaling.
5.3 Output quantization
For optimal results for 16/18/20-bit DACs, a quantization with rounding is applied together with the PCM scaling.
The sample value is multiplied by a rounding factor and rounded to 24 bits. The result is then left shifted (4/6/8)
for PCM output.
The output precision is selectable from the 16bits/word to 24 bits/word by configuring the field PREC in the reg-
ister PCMCONF.
5.4 Interface and output formats
The decoded audio data are output in serial PCM format.
The interface consists of the following signals
PCM_OUT0, 1, 2
PCM data, output,
SCLK
Bit clock (or serial clock), output,
LRCLK
Word clock (or Left/Right channel select clock), output,
PCMCLK
PCM clock, input or output (see <CrossRef><BlueHT>Clocks <BlueHT>on page 11 for details).
LS
LS
LL
CC
RR
LS
LS
Configuration 0
LL
CC
RR
LS
LS
RS
RS
Not used with Prologic
-18.5dB
Not used in
configuration 4
-8,5dB
LFE
SUB
Configuration 1
Configurations 3 and 4
Configuration 2
Not used with Prologic
LL
CC
RR
LS
LS
RS
RS
LFE
SUB
-8,5dB
-18.5dB
RS
RS
LFE
LFE
LL
Not used with Prologic
-16dB
CC
-16dB
-16dB
RS
RS
-16dB
LFE
-6dB
-4dB
RR
-16dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com