Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 6Page - STMicroelectronics STA310 Datasheet HTML 7Page - STMicroelectronics STA310 Datasheet HTML 8Page - STMicroelectronics STA310 Datasheet HTML 9Page - STMicroelectronics STA310 Datasheet HTML 10Page - STMicroelectronics STA310 Datasheet HTML 11Page - STMicroelectronics STA310 Datasheet HTML 12Page - STMicroelectronics STA310 Datasheet HTML 13Page - STMicroelectronics STA310 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
STA310
10/90
Post Decoding
The post decoding includes specific PCM processing: DC filter, de-emphasis filter, downsampling filter. These
filters can be independently enabled or disabled through the register DWSMODE.
It provides also a Pro Logic decoder, which is described in detail in a next section.
Bass Redirection
This stage redirects the low frequency signals to the subwoofer.
The subwoofer is extracted from the other channels (L, R, C, Ls, Rs, LFe). There are six possible configurations
to extract the subwoofer channel, which can be selected thanks to the OCFG register.
Volume and Balance Control
The volume is a master volume (no independent control for each channel). It is controlled by the PCMSCALE
register, which enables to attenuate the signals by steps of 2dB.
Two balance controls are available: one for Left/Right channels, one for Left Surround/Right Surround channels.
They are configurable by means of registers BAL_LR (Left-Right Balance) and BAL_SUR (Left Surround-Right
Surround Balance), which provide attenuation of signals by steps of 0.5dB.
4
OPERATION
4.1 Reset
The STA310 can be reset either by a hardware reset or by a software reset:
- The hardware reset is sent when the pin RESET is activated low during at least 60ns. This is equiv-
alent to a power-on reset.
This resets all the configuration registers, i.e. PLL registers (PLLSYS, PLLPCM), Interrupt registers
(INTE, INT, ERROR), interface registers (SIN_SETUP, CAN_SETUP) and command registers
(SOFTRESET, RUN, PLAY, MUTE, SKIP_FRAME, REPEAT_FRAME).
- The software reset is sent when the register SOFTRESET is written to 1 (the register is automatically
reset once the software reset is performed). It resets only the interrupt related registers (INTE, INT,
ERROR) and the command registers (SOFTRESET, RUN, PLAY, MUTE, SKIP_FRAME,
REPEAT_FRAME). All other decoding configurations are not changed by softreset.
Some information concerning the post-processing are anywayt of date after a soft-reset
Note: 1. The chip must be soft reset before changing any configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com