Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 18Page - STMicroelectronics STA310 Datasheet HTML 19Page - STMicroelectronics STA310 Datasheet HTML 20Page - STMicroelectronics STA310 Datasheet HTML 21Page - STMicroelectronics STA310 Datasheet HTML 22Page - STMicroelectronics STA310 Datasheet HTML 23Page - STMicroelectronics STA310 Datasheet HTML 24Page - STMicroelectronics STA310 Datasheet HTML 25Page - STMicroelectronics STA310 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
STA310
22/90
4.6.5 MLP
MLP is a lossless coding system for use on digital audio data originally represented as linear PCM. MLP is man-
datory in DVD Audio. It allows transmission and storage of up to 6 channels. each up to 24 bits precision and
with sample rates between 44.1 KHz and 192KHz.
- DECODESEL = 8
4.6.6 CDDA
- DECODESEL = 5
4.6.7 Beep Tone
- DECODESEL = 7
4.6.8 Pink noise generator
The pink noise generator can be used to position the speakers in the listening room so to benefit of the best
listening conditions.
The decoder must be programmed so to generate pink noise by writing 4 in the DECODESEL register. The
DOWNMIX register is used to select independently the channels on which the pink noise will be output.
When generating pink noise, the output configuration should be: OCFG=0 and PCM_SCALE=0.
Figure 13. Pink Noise Generator Flow
4.7 Post Processing
The following post processing alghorithms are available
4.7.1 Prologic
Pro Logic Compatible Downmix
The STA310 can decode an AC-3 multichannel bitstream and encode it to provide a 2-channel Pro Logic com-
patible output (Lt, Rt). These 2 channels are the result of a specific downmix referred to as Pro Logic compatible.
This downmix is selected by the register DOWNMIX. The 2 channels can be used as the input of a Pro Logic
decoder and player (e.g. home theatre).
Pro Logic Decoding
The STA310 can decode a 2-channel Pro Logic bitstream. The 2 channels could come from a CD player, an
AC-3 2-channel bitstream or an MPEG1 bitstream. The 2-channel bitstream can be converted into a 4-channel
output (L, R, C, S). The surround (S) is simultaneously sent on Ls and Rs channels. A Pro Logic downmix en-
Pink
Noise
L
R
C
LFe
Ls
Rs
L
R
C
LFe
Ls
Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com