Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 64Page - STMicroelectronics STA310 Datasheet HTML 65Page - STMicroelectronics STA310 Datasheet HTML 66Page - STMicroelectronics STA310 Datasheet HTML 67Page - STMicroelectronics STA310 Datasheet HTML 68Page - STMicroelectronics STA310 Datasheet HTML 69Page - STMicroelectronics STA310 Datasheet HTML 70Page - STMicroelectronics STA310 Datasheet HTML 71Page - STMicroelectronics STA310 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
STA310
68/90
When this register is set to 1, the LFE channel is
skipped. When this register is set to 0 the LFE chan-
nel is decoded (if present).
MP_PROG_NUMBER
Program number
Address: 0x69
Type: R/W
Software Reset: 0x00
Hardware Reset: UND
Description:
When the stream is in Second Stereo mode, this reg-
ister specifies which program is played.
MP_DUALMODE
MPEG setup dual mode
Addres: 0x6E
Type: R/W
Software Reset: 0x00
Hardware Reset: UND
The MPEG DUAL_MODE is active in downmix mode
1 and 9.
MP_DRC
Dynamic range control
Address: 0x6A
Type: R/W
Software Reset: 0x00
Hardware Reset: UND
Description;
When bit DRC=1, dynamic range control is enabled.
The dynamic range is set according to the data trans-
mitted in the DVD MPEG stream.
MP_CRC_OFF
CRC check off
Address: 0x6C
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
When register is set to 1, the CRC in MPEG frame is
not checked. When register is set to 0, the CRC in
MPEG frame is checked if exists. If a CRC error oc-
curs, the decoder soft mutes the frame (but does not
stop).
MP_MC_OFF
Multi-channel
Address: 0x6D
Type: R/W
Software Reset: NC
Hardware Reset: UND
7654321
0
Reserved
Prog
Bitfield
Description
Prog
Select program #0 or #1 where 0: L0,R0 in front
channels, 1: L2,R2 in front channels
7654321
0
Value
Description
0
Output as Stereo
1
Output Channel 1 on both outputs L/R
2
Output Channel 2 on both outputs L/R
3
Mix Channel 1 and 2 to monophonic, and
output on both L/R
765432
1
0
DRC
7
65432
1
0
7654
321
0
Reserved
DEN
Reserved
MC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com