Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 21Page - STMicroelectronics STA310 Datasheet HTML 22Page - STMicroelectronics STA310 Datasheet HTML 23Page - STMicroelectronics STA310 Datasheet HTML 24Page - STMicroelectronics STA310 Datasheet HTML 25Page - STMicroelectronics STA310 Datasheet HTML 26Page - STMicroelectronics STA310 Datasheet HTML 27Page - STMicroelectronics STA310 Datasheet HTML 28Page - STMicroelectronics STA310 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
25/90
STA310
4.10 What Can Be Processed at the Same Time
Same Time 1
Same Time 2
5
PCM OUTPUT CONFIGURATIONS
5.1 Output configurations
The figure below shows the different configurations supported at PCM output stage. They are selected by the
OCFG register contents.
- In configuration 1, 3 and 4, the main channels are attenuated by 18.5dB, and the LFE by 8.5dB before
summing.
After digital/analog conversion, the subwoofer preamplifier has to compensate for the different gains
of the main channels and subwoofer.
- In configuration 2, the main channels are attenuated by 16dB and the LFE by 6dB before processing.
- In configuration 0, outputs are only scaled and rounded (see next section).
The same configurations will be used in case of a decoded Pro Logic program with the exception that the sur-
round channels will not be added to the bass redirection (the surround channels of a Pro Logic program are
band limited and bass is considered as leakage).
Decoder
MPEG1
MP3
AC3
MPEG2
LPCM Video
PCM
MLP
LPCM Audio
PinkNoise
Beep Tone
Post
Pcrocessing
Bass
Management
Commands
Mute
Skipframe
Pause
Pause block
Volume Control
S/PdifOutput
PCM (Left
,Right
PCM (VCRs)
Encoded
Mute
Off
Post
Pcrocessing
Prologic
Post
Pcrocessing
Karaoke
Channel Delay
Post
Pcrocessing
Karaoke
Channel Delay
Post
Pcrocessing
Karaoke
Channel Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com