Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 82Page - STMicroelectronics STA310 Datasheet HTML 83Page - STMicroelectronics STA310 Datasheet HTML 84Page - STMicroelectronics STA310 Datasheet HTML 85Page - STMicroelectronics STA310 Datasheet HTML 86Page - STMicroelectronics STA310 Datasheet HTML 87Page - STMicroelectronics STA310 Datasheet HTML 88Page - STMicroelectronics STA310 Datasheet HTML 89Page - STMicroelectronics STA310 Datasheet HTML 90Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
STA310
86/90
Address: 0xAE
Type: R/WS??
Software Reset: NC
Hardware Reset: 0
Description:
Note: 1. To have both "3-D sound" on the "VCR" and "Left/Right"
channels, the setup is:
VCR_MIX = 0x02 and PDEC = 0x40 for SRS process-
ing,
VCR_LDLY
VCR left channel delay
Address: 0xAF
Type: R/WS??
Software Reset: NC
Hardware Reset: 0
Description:
This register contains the VCR left channel delay val-
ue. See note after next register description.
VCR_RDLY
VCR right channel delay
Address: 0xAF
Type: R/WS??
Software Reset: NC
Hardware Reset: 0
Description:
This register contains the VCR right channel delay
value. The values for LEFT_VCR_DELAY and
RIGHT_VCR_DELAY are taken into account only
when register.bit .DLY = ’1’.
9.27 Miscellaneous
BREAKPOINT
To be defined
Address + 0x2B
Type: R/W
Software Reset: NC
Hardware Reset: 0
Description:
This register must be set to 0x08.
CLOCKCMD
To be defined
Address: 0x3A
Type: R/W
Software Reset: NC
Hardware Reset: 0
Description:
This register must be set to 0x00.
Bitfield
Description
3D_VCR
This bit selects "3-D sound" on the VCR
channels using SRS processing
(depending on the PDEC registers and ):
0: Standard sound (disable "3-D sound"),
1: Enable "3-D sound".
COPY
This bit is used to copy "Left/Right"
channels to "VCR" channels:
0: no copy,
1: copy enable.
PRL
This bit enables a "ProLogic downmix" on
the "VCR" channels:
0: Disable,
1: Enable.
STEREO
This bit enables a "2/0 downmix" on the
"VCR" channels:
0: Disable,
1: Enable.
76
54
321
0
LEFT_VCR_DELAY
765
4321
0
RIGHT_VCR_DELAY
7654321
0
Reserved
765
4321
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com