Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 30Page - STMicroelectronics STA310 Datasheet HTML 31Page - STMicroelectronics STA310 Datasheet HTML 32Page - STMicroelectronics STA310 Datasheet HTML 33Page - STMicroelectronics STA310 Datasheet HTML 34Page - STMicroelectronics STA310 Datasheet HTML 35Page - STMicroelectronics STA310 Datasheet HTML 36Page - STMicroelectronics STA310 Datasheet HTML 37Page - STMicroelectronics STA310 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
STA310
34/90
CHANNEL DELAY SETUP
0x57
87
LDLY (1)
0x58
88
RDLY (1)
0x59
89
CDLY (1)
0x5A
90
SUBDLY (1)
0x5B
91
LSDLY (1)
0x5C
92
RSDLY (1)
0x5D
93
UPDATE (f)
0xAF
91
LVDLY (1)
0xB0
92
RVDLY (1)
SPDIF OUTPUT SETUP
0x5E
94
SPDIF_CMD (r)
0x5F
95
SPDIF_CAT (f)
0x60
96
SPDIF_CONF (b)
0x61
97
SPDIF_STATUS (b)
0x75
117
SPDIF_REP_TIME (b)
0x7E
126
SPDIF_LATENCY (f)
0x7F
127
SPDIF_DTDI (f)
COMMAND
0x10
16
SOFTRESET (a)
0x13
19
PLAY (a)
0x14
20
MUTE (a)
0x72
114
RUN (a)
0x73
115
SKIP_MUTE_CMD (f)
0x74
116
SKIP_MUTE_VALUE(f)
INTERRUPT
0x07, 08
7, 8
INTE (a)
0x09, 0A
9, 10
INT (a)
INTERRUPT STATUS
0x40
64
SYNC_STATUS
0x41
65
ANCCOUNT
0x42
66
HEAD4 (f)
0x43
67
HEAD3 (f)
0x44, 45
68, 69
HEADLEN (f)
0x46 - 4A
70
PTS (f)
0x0F
15
ERROR
DECODING ALGORITHM
0x4C
76
STREAMSEL (r)
0X4D
77
DECODSEL (r)
SYSTEM SYNCHRONIZATION
0x4F
79
PACKET_LOCK (r)
0x50
80
ID_EN (a)
0x51
81
ID (a)
0x52
82
ID_EXT (a)
0x53
83
SYNC_LOCK (r)
POST DECODING AND PRO LOGIC
0x62
98
PDEC1 (b)
0xB1
177
PDEC2
0x64
100
PL_AB (b)
0x65
101
PL_DWNX (b)
0x66
102
OCFG
0x70
112
DWSMODE (b)
Register function
HEX
DEC
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com