Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA310 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 37Page - STMicroelectronics STA310 Datasheet HTML 38Page - STMicroelectronics STA310 Datasheet HTML 39Page - STMicroelectronics STA310 Datasheet HTML 40Page - STMicroelectronics STA310 Datasheet HTML 41Page - STMicroelectronics STA310 Datasheet HTML 42Page - STMicroelectronics STA310 Datasheet HTML 43Page - STMicroelectronics STA310 Datasheet HTML 44Page - STMicroelectronics STA310 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
41/90
STA310
Address: 0x56
Type: R/W
Software Reset: NC
Hardware Reset: UND
Description:
The PCMCROSS register only acts if bit PFC of reg-
ister SPDIF_DTDI is set.
9.6 PDAC and PLL configuration registers
SFREQ
Sampling frequency
Address: 0x05
Type: R/WS
Software Reset: NC
Hardware Reset: 0
Description:
This status register holds the code of the current
sampling frequency. If the audio stream is encoded
(Dolby Digital, MPEG) or packetized (DVD_LPCM),
the sampling frequency is automatically read in the
audio stream and written into this register by the au-
dio DSP. The register is automatically updated by the
DSP when it performs a down-sampling (for exam-
ple, 96kHz to 48kHz).
The DSP resets SFREQ to 0.
For PCM stream or CDDA, this register is written to
by the application. The value in SFREQ corresponds
to the following frequencies:.
PLLCTRL
PLL Control
Address: 0x12
Type: R/W
Software Reset: NA
Hardware Reset: 0x19
Description:
PLL_DATA
Bitfield
Description
LRS[1:0]
Cross left and right surround.
CSW[1:0]
Cross centre and subwoofer.
CLR[1:0]
Cross left and right channels.
00: Left channel is mapped on the left
output, Right channel is mapped on the
Right output.
01: Left channel is duplicated on both
outputs.
10: Right channel is duplicated on both
outputs.
11: Right channel and Left channel are
toggled.
VCR[1:0]
These 2 bits manage the VCR outputs.
76
54
321
0
Fs
(KHz)
46 44.1 32
-
96 88.2 64
-
24 22.05
Value
0
1
2
3
4
5
6
7
8
9
Fs
(KHz)
16
-
12 11.025
8
-
192 176.4 128 -
Value 10 11 12
13
14
15 16
17
18 19
765
4
3
2
1
0
SYSCLSCK[1..0]
OCLK[2..0]
Bitfield Value
Description
OCLK
[2:0]
Configure PCMCLK
source and direction
PCMCLK pad
direction
-01
Audio master Clock
from PCMLCK pad.
Input
011
Audio master Clock
from internal audio
PLL
Input
111
Audio master Clock
from internal S/PDIF
receiver
Input
-00
Forbidden
010
Audio master Clock
from internal audio
PLL
Output
110
Audio master Clock
from internal S/PDIF
receiver
Output
SYSCLC
K[1:0]
0
System Clock from CLK pad
Output
1
System Clock from CLK pad divided
by 2
2
System Clock from internal system
PLL
3
System Clock from internal system
PLL divided by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com